Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTD16211 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CBTD16211
Description  24-bit level shifting bus exchange switch with 12-bit output enables
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTD16211 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CBTD16211_15 Datasheet HTML 2Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 3Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 4Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 5Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 6Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 7Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 8Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 9Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product data
CBTD16211
24-bit level shifting bus exchange switch
with 12-bit output enables
2001 Jun 13
6
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0 V
INPUT
1.5 V
OUTPUT
tPLH
tPHL
SA00028
1.5 V
1.5 V
1.5 V
3 V
0 V
VOH
VOL
Waveform 1. Input (An) to Output (Yn) Propagation Delays
Output Control
(Low-level
enabling )
1.5 V
tPZH
tPHZ
VOH
VOL
tPZL
tPLZ
3.5 V
0 V
VOL + 0.3 V
VOH – 0.3 V
SA00029
1.5 V
1.5 V
1.5 V
0 V
3 V
Output
Waveform 1
S1 at 7 V
(see Note)
Note:
Waveform 1 is for an output with internal conditions such that
the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is high except when disabled by the output control.
Output
Waveform 2
S1 at Open
(see Note)
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


Similar Part No. - CBTD16211_15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBTD16211DGG ICST-CBTD16211DGG Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211DL ICST-CBTD16211DL Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
More results

Similar Description - CBTD16211_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBTD16212 PHILIPS-CBTD16212 Datasheet
85Kb / 10P
   24-bit level shifting bus exchange switch WITH 12-BIT OUTPUT ENABIES
2001 Sep 28
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16213 PHILIPS-CBT16213 Datasheet
76Kb / 10P
   24-bit bus exchange switch with 12-bit output enables
2001 Jan 19
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
logo
Nexperia B.V. All right...
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com