Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC243502FV Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PXAC243502FV
Description  High Power RF LDMOS Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC243502FV Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PXAC243502FV Datasheet HTML 2Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 3Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 4Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 5Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 6Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 7Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 8Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 9Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PXAC243502FV
Data Sheet
8 of 10
Rev. 03.1, 2015-04-13
Pinout Diagram (top view)
S
D1
G1
D2
G2
H - 3 7 2 7 5 - 4 _ f l _ p d _ 0 1 _ 0 8 - 1 3 - 2 0 1 4
Pin
Description
D1
Drain device 1 (main)
D2
Drain device 2 (peak)
G1
Gate device 1 (main)
G2
Gate device 2 (peak)
S
Source (flange)
Main
Peak
Component Information (cont.)
Component
Description
Manufacturer
Part Number
Output
C201, C203
Capacitor, 15 pF
ATC
ATC600F150JT250XT
C207
Capacitor, 0.8 pF
ATC
ATC600F0R8BT250XT
C204
Capacitor, 3 pF
ATC
ATC600F3R0BT250XT
C202
Capacitor, 3.9 pF
ATC
ATC600F3R9BT250XT
C205, C206, C209, C210,
C211, C213
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C212, C208
Capacitor, 220 µF
Panasonic Electronic Components
EEE-FP1V221AP
Reference Circuit (cont.)


Similar Part No. - PXAC243502FV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC243502FVV1R0 INFINEON-PXAC243502FVV1R0 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R0XTMA1 INFINEON-PXAC243502FVV1R0XTMA1 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R250 INFINEON-PXAC243502FVV1R250 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R250XTMA1 INFINEON-PXAC243502FVV1R250XTMA1 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
More results

Similar Description - PXAC243502FV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB201402FC INFINEON-PTFB201402FC Datasheet
841Kb / 14P
   High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
   High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PTFB183408SV INFINEON-PTFB183408SV Datasheet
248Kb / 15P
   High Power RF LDMOS Field Effect Transistor
Rev. 03, 2014-03-07
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
   LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
   LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091803S-28 RENESAS-NEM091803S-28 Datasheet
271Kb / 9P
   LDMOS FIELD EFFECT TRANSISTOR
2004
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2006
NEM091203P-28 RENESAS-NEM091203P-28 Datasheet
310Kb / 13P
   LDMOS FIELD EFFECT TRANSISTOR
2005
NEM091603P-28 RENESAS-NEM091603P-28 Datasheet
306Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com