Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORD1M13 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # ORD1M13
Description  A triangulation system that uses an infrared LED and a PSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ORD1M13 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  ORD1M13 Datasheet HTML 1Page - KODENSHI_AUK CORP. ORD1M13 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
電気的光学的特性
特長
用途
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
(Ta=25℃)
最大定格 MAXIMUM RATINGS
Item
Symbol
Rating
Unit
動作温度
保存温度
Topr.
Tstg.
-10~+60
-40~+70
(Ta=25℃)
Operating temp.
Storage temp.
Mar.2014
FEATURES
APPLICATIONS
ELECTRO-OPTICAL CHARACTERISTICS
*1. 氷結、結露の無き事
No icebound or dew.
*1
VCC
-0.3~+7
V
Supply voltage
電源電圧
出力端子電圧
VO
-0.3~VCC+0.3
V
Output terminal voltage
Current consumption
Minimum detecting distance
Detection distance
*2
No Detection distance
*2
L
L
L
非検知→検知
27
300
350
50
40
mm
mA
mm
*3. オープンドレイン、推奨プルアップ抵抗:10kΩ
消費電流
最短検出距離
検出距離
非検出距離
*2
mm
200
250
検知→非検知
平均値 Average
Open drain, Recommended pull-up resistance: 10k ohm
ICC
*1
ORD1M13
ローレベル出力電圧
ハイレベル出力電圧
Low level output voltage
High level output voltage
VOL
VOH
*3
*3
RL=10kΩ 非検知
RL=10kΩ 検知
4.5
0.4
ーー
V
V
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、
内容の確認をお願い致します
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
please refer to the latest specifications.
ロボット、複合機、非接触スイッチ、ATM、自動販売機、
アミューズメント機器、温水洗浄便座
Robot, Multi function peripheral, Noncontact switch, ATM, Vending machine,
Amusement machine, Toilet seat with shower unit
ORD1M13は、赤外LEDとPSDを組み合わせた三角測量方式の赤外線測距センサです。一定の距離で出力が切
り替わるデジタル出力タイプで、人や物体の有無を検知する用途に最適です。
ORD1M13 is an infrared range finding sensor that uses a triangulation system with an infrared LED and a
PSD. This sensor produces digital output that switches at a specified distance from an object, and is thus
ideal for detecting the presence of a person or an object.
赤外LEDとPSDを使った三角測量方式
LED駆動回路とPSD信号処理回路を内蔵
一定の距離で出力が切り替わるデジタル出力
中距離検出: 250±50mm
A triangulation system that uses an infrared LED and a PSD
Integrated LED drive circuit and PSD signal processing circuit
Digital output that switches at a specified distance from an object
Middle range detecting distance: 250±50mm
*2. 検出基準対象物(無光沢反射紙、白、反射率90%)
Detection standard object (No luster reflection paper, White, Reflectance 90%)
Infrared Range Finding Sensor
赤外線測距センサ


Similar Part No. - ORD1M13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD211 ETC-ORD211 Datasheet
78Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD211 MEDER-ORD211 Datasheet
94Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD213 MEDER-ORD213 Datasheet
100Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
   REED SWITCH
More results

Similar Description - ORD1M13

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ORA1L02 KODENSHI-ORA1L02 Datasheet
205Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
ORA1L03-J5 KODENSHI-ORA1L03-J5 Datasheet
149Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
ORA1L03 KODENSHI-ORA1L03 Datasheet
140Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
logo
TOKYO SEIMITSU CO., LTD
E-DT-AHA-E ACCRETECH-E-DT-AHA-E Datasheet
162Kb / 1P
   An A-E converter is a unit that uses bellows and a differential transformer to convert the minute
logo
Omron Electronics LLC
V600-HAM42-DRT OMRON-V600-HAM42-DRT Datasheet
860Kb / 12P
   An RFID system that is as easy and simple to use as a sensor. No programming required.
logo
Rohm
BA9743AFV-E ROHM-BA9743AFV-E Datasheet
4Mb / 17P
   A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
logo
KODENSHI_AUK CORP.
ORA2S01 KODENSHI-ORA2S01 Datasheet
286Kb / 2P
   Analog output that depends on a distance to an object
logo
Ralston Instruments.
QTHA-2MBL RALSTON-QTHA-2MBL Datasheet
666Kb / 1P
   Connect a hose to an adapter that is in a hard to reach place
QTHA-2MBL RALSTON-QTHA-2MBL_19 Datasheet
629Kb / 1P
   Connect a hose to an adapter that is in a hard to reach place
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com