Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXG Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # SXG
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SXG Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  SXG_15 Datasheet HTML 1Page - RUBYCON CORPORATION SXG_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vdc
Cap(μF)
150
180
220
270
330
390
470
560
680
820
1000
1200
◆STANDARD SIZE
φD
φ20
φ22
φ25
φ30
200
30×25
30×25
30×30
30×35
30×35
20×20
20×25
20×25
20×30
20×35
20×40
0.82
0.66
0.95
1.10
1.20
1.31
22×20
22×25
22×25
22×30
22×30
22×35
0.80
1.00
1.10
1.25
1.31
1.45
22×40
1.60
1.45
30×20
1.25
30×20
1.15
1.60
1.78
2.11
2.40
30×40
2.65
25×20
25×20
25×25
25×25
25×30
25×30
0.87
0.95
1.20
1.31
1.45
1.60
25×35
1.78
25×40
1.95
Case Size φD×L(mm)
Ripple Current(A r.m.s./120Hz, 105℃)
Vdc
Cap(μF)
39
47
56
68
82
100
120
150
180
220
270
330
390
470
φD
φ20
φ22
φ25
φ30
φ35
400
35×25
35×25
35×25
35×30
0.95
35×20
0.80
1.10
1.22
1.44
35×35
1.60
35×40
1.90
30×20
30×25
30×25
30×30
30×30
20×20
20×20
20×25
20×25
20×30
20×35
0.40
0.34
0.45
0.49
0.64
0.70
20×40
0.75
22×20
22×25
22×25
22×30
22×30
22×35
0.40
0.52
0.64
0.70
0.75
0.88
22×40
0.95
0.70
30×20
0.60
0.85
0.95
1.10
1.22
30×35
1.44
30×40
1.55
25×20
25×20
25×25
25×25
25×30
25×30
0.49
0.60
0.70
0.75
0.88
0.95
25×35
1.10
25×40
1.22
Vdc
Cap(μF)
47
56
68
82
100
120
150
180
220
270
330
390
470
φD
φ22
φ25
φ30
φ35
450
35×25
35×30
35×35
35×40
0.98
35×25
0.80
1.10
1.28
1.45
35×35
1.45
35×40
1.60
35×50
1.85
30×25
30×30
30×30
30×35
30×40
22×25
22×25
22×30
22×35
22×40
0.35
0.44
0.53
0.64
0.69
22×45
0.75
22×50
0.88
25×25
25×25
25×30
25×35
25×40
25×45
0.53
0.64
0.69
0.75
0.88
0.98
25×50
1.10
0.75
30×25
0.69
0.88
0.98
1.10
1.28
30×50
1.45
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
SXG


Similar Part No. - SXG_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
SXGPON155 PERICOM-SXGPON155 Datasheet
532Kb / 2P
   3.3V CMOS Low-Jitter 155.52 MHz GPON XO
More results

Similar Description - SXG_15

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com