Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX54441 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IFX54441
Description  Wide Input Range Low Noise 300mA LDO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX54441 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IFX54441_15 Datasheet HTML 1Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 2Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 3Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 4Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 5Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 6Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 7Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 8Page - Infineon Technologies AG IFX54441_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
IFX54441
Pin Configuration
Data Sheet
5
Rev. 1.1, 2014-10-30
3
Pin Configuration
3.1
Pin Assignment
Figure 3
Pin Configuration of IFX54441 in PG-DSO-8 Exposed Pad for fixed voltage and adjustable
version
Figure 4
Pin Configuration of IFX54441 in TSON10 for fixed voltage and adjustable version
IN
NC
GND
OUT
ADJ
NC
BYP
EN
1
3
2
8
7
6
45
IN
NC
GND
OUT
SENSE
NC
BYP
EN
1
3
2
8
7
6
45
IFX54441EJ V33
IFX54441 EJ V
9
9
1
2
3
4
5
10
9
8
7
6
OUT
OUT
NC
SENSE
BYP
IN
IN
NC
EN
GND
1
2
3
4
5
10
9
8
7
6
OUT
OUT
NC
ADJ
BYP
IN
IN
NC
EN
GND
IFX54441LD V33
IFX54441LD V
11
11


Similar Part No. - IFX54441_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV33 INFINEON-IFX54441EJV33 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV50 INFINEON-IFX54441EJV50 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 300mA 5V LDO
Rev. 1.1, 2014-10-30
IFX54441EJV50 INFINEON-IFX54441EJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 300mA 5V LDO
Rev. 1.1, 2014-10-30
IFX54441LDV INFINEON-IFX54441LDV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
More results

Similar Description - IFX54441_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV50 INFINEON-IFX54441EJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 300mA 5V LDO
Rev. 1.1, 2014-10-30
IFX1763 INFINEON-IFX1763_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763XEJV50 INFINEON-IFX1763XEJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 500mA 5V LDO
Rev. 1.11, 2015-01-30
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com