Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C17A-25L Datasheet(PDF) 3 Page - Microchip Technology

Part # 27C17A-25L
Description  16K (2K x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C17A-25L Datasheet(HTML) 3 Page - Microchip Technology

  27C17A-25L Datasheet HTML 1Page - Microchip Technology 27C17A-25L Datasheet HTML 2Page - Microchip Technology 27C17A-25L Datasheet HTML 3Page - Microchip Technology 27C17A-25L Datasheet HTML 4Page - Microchip Technology 27C17A-25L Datasheet HTML 5Page - Microchip Technology 27C17A-25L Datasheet HTML 6Page - Microchip Technology 27C17A-25L Datasheet HTML 7Page - Microchip Technology 27C17A-25L Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1996 Microchip Technology Inc.
DS11127G-page 3
28C17A
TABLE 1-3:
READ OPERATION AC CHARACTERISTICS
FIGURE 1-1:
READ WAVEFORMS
AC Testing Waveform:
VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise and Fall Times:
20 ns
Ambient Temperature:
Commercial (C):
Tamb
=
0˚C to +70˚C
Industrial
(I):
Tamb
=
-40˚C to +85˚C
Parameter
Symbol
28C17A
-15
28C17A
-20
28C17A
-25
Units
Conditions
Min
Max
Min
Max
Min
Max
Address to Output Delay
tACC
150
200
250
ns
OE = CE = VIL
CE to Output Delay
tCE
150
200
250
ns
OE = VIL
OE to Output Delay
tOE
—70—80—
100
ns
CE = VIL
CE or OE High to Output
Float
tOFF
050055070
ns
Output Hold from Address,
CE or OE, whichever occurs
first.
tOH
0—0—0—
ns
Endurance
1M
1M
1M
cycles
25
°C, Vcc =
5.0V, Block
Mode (Note)
Note: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
Address
CE
VIH
VIL
VIH
VIL
VIH
VIL
OE
Data
WE
VOH
VOL
VIH
VOL
Address Valid
High Z
Valid Output
tACC
(1) tOFF is specified for OE or CE, whichever occurs first
(2) OE may be delayed up to t CE - t OE after the falling edge of CE without impact on tCE
(3) This parameter is sampled and is not 100% tested
High Z
tOH
tOFF(1,3)
Notes:
tOE(2)
tCE(2)


Similar Part No. - 27C17A-25L

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C1000-10 MCNIX-27C1000-10 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-12 MCNIX-27C1000-12 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-15 MCNIX-27C1000-15 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-45 MCNIX-27C1000-45 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-55 MCNIX-27C1000-55 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - 27C17A-25L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
ATMEL Corporation
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
   16K 2K x 8 Battery-Voltage CMOS E2PROM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com