Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66100 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY66100
Description  169 to 170 MHz Transmit-Receive Front-End Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66100 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY66100_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DATA SHEET • SKY66100-11: TRANSMIT/RECEIVE FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
June 1, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201829E
J8
4
2
6
8
12
10
14
3
1
5
7
11
9
13
VCC
VCC
BYP
CTX
CSD
1
CSD
TX
CTX
RX
GND
GND
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
L13
10 nH
C22
4.7
μF
C30
4.7 nF
C29
1
μF
C28
1
μF
C27
1 nF
FB1
C19
18 pF
L11
0
Ω
L10
47 nH
L14
27 nH
L21
6.8 nH
L29
3.3 nH
C16
2.2 nF
C23
47 pF
C24
56 pF
C101
22 pF
L30
4.7 nH
L31
DNI
C20
DNI
TX_IN
CSD
CTX
17
C100
2.2 nF
J6
SMA
J7
SMA
C26
22 pF
L8
27 nH
L9
10 nH
C21
DNI
C25
DNI
J5
SMA
Y2001
Notes:
Some component labels may be different from the corresponding component
symbol shown here.
Component values, however, are accurate as of the date of this data sheet.
Figure 12. SKY66100-11 EK-1 Evaluation Board Schematic (+24 dBm)


Similar Part No. - SKY66100_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66100-11 SKYWORKS-SKY66100-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY66100_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65367-11 SKYWORKS-SKY65367-11_15 Datasheet
191Kb / 2P
   169 to 170 MHz Transmit/Receive Front-End Module
SKY65367 SKYWORKS-SKY65367_11 Datasheet
191Kb / 2P
   169 to 170 MHz Transmit/Receive Front-End Module
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65377-11 SKYWORKS-SKY65377-11 Datasheet
189Kb / 2P
   450 MHz Transmit/Receive Front-End Module
SKY66119-11 SKYWORKS-SKY66119-11 Datasheet
783Kb / 16P
   460 MHz Transmit/Receive Front-End Module
SKY65383-11 SKYWORKS-SKY65383-11 Datasheet
4Mb / 11P
   2400 to 2483 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65338-21 SKYWORKS-SKY65338-21 Datasheet
314Kb / 12P
   450-470 MHz Transmit/Receive Front-End Module
SKY65337-11 SKYWORKS-SKY65337-11 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
logo
RF Micro Devices
RFFM6401 RFMD-RFFM6401 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com