Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66100 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY66100
Description  169 to 170 MHz Transmit-Receive Front-End Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66100 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY66100_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66100_11 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DATA SHEET • SKY66100-11: TRANSMIT/RECEIVE FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201829E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 1, 2015
9
Evaluation Board Description
The SKY66100-11 Evaluation Board is used to test the
performance of the SKY66100-11 FEM. Evaluation Board
schematic diagrams are provided in Figure 12 (EK-1 board, +24
dBm) and in Figure 13 (EK-2 board, +27 dBm). An assembly
drawing for the Evaluation Board is shown in Figure 14.
Package Dimensions
The typical part marking for the SKY66100-11 is shown in
Figure 15. The PCB layout footprint for the SKY66100-11 is
provided in Figure 16. Figure 17 shows the package dimensions
for the 16-pin MCM, and Figure 18 provides the tape and reel
dimensions.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY66100-11 is rated to Moisture Sensitivity Level 3 (MSL3)
at 260
C. It can be used for lead or lead-free soldering. For
additional information, refer to the Skyworks Application Note,
PCB Design and SMT Assembly/Rework Guidelines for MCM-L
Packages, document number 101752.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.


Similar Part No. - SKY66100_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66100-11 SKYWORKS-SKY66100-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY66100_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65367-11 SKYWORKS-SKY65367-11_15 Datasheet
191Kb / 2P
   169 to 170 MHz Transmit/Receive Front-End Module
SKY65367 SKYWORKS-SKY65367_11 Datasheet
191Kb / 2P
   169 to 170 MHz Transmit/Receive Front-End Module
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65377-11 SKYWORKS-SKY65377-11 Datasheet
189Kb / 2P
   450 MHz Transmit/Receive Front-End Module
SKY66119-11 SKYWORKS-SKY66119-11 Datasheet
783Kb / 16P
   460 MHz Transmit/Receive Front-End Module
SKY65383-11 SKYWORKS-SKY65383-11 Datasheet
4Mb / 11P
   2400 to 2483 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65338-21 SKYWORKS-SKY65338-21 Datasheet
314Kb / 12P
   450-470 MHz Transmit/Receive Front-End Module
SKY65337-11 SKYWORKS-SKY65337-11 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
logo
RF Micro Devices
RFFM6401 RFMD-RFFM6401 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com