Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN027-100BS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN027-100BS
Description  N-channel 100V 26.8 m廓 standard level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN027-100BS Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN027-100BS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN027-100BS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PSMN027-100BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 March 2012
4 of 14
NXP Semiconductors
PSMN027-100BS
N-channel 100V 26.8 m
Ω standard level MOSFET in D2PAK.
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
see Figure 4
-
0.8
1.46
K/W
Rth(j-a)
thermal resistance from junction to
ambient
Minimum footprint; mounted on
a printed circuit board
-60
-K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration; typical
values
003aae043
single shot
0.2
0.1
0.05
0.02
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
t
p (s)
Z
th(j-mb)
(K/W)
δ = 0.5
tp
T
P
t
tp
T
δ =


Similar Part No. - PSMN027-100BS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN027-100BS PHILIPS-PSMN027-100BS Datasheet
210Kb / 14P
   N-channel 100V 26.8 m standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN027-100BS NEXPERIA-PSMN027-100BS Datasheet
805Kb / 14P
   N-channel 100V 26.8 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 1 March 2012
More results

Similar Description - PSMN027-100BS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN027-100BS PHILIPS-PSMN027-100BS Datasheet
210Kb / 14P
   N-channel 100V 26.8 m standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN027-100PS NXP-PSMN027-100PS Datasheet
248Kb / 14P
   N-channel 100V 26.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
logo
Nexperia B.V. All right...
PSMN027-100BS NEXPERIA-PSMN027-100BS Datasheet
805Kb / 14P
   N-channel 100V 26.8 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 1 March 2012
PSMN027-100XS NEXPERIA-PSMN027-100XS Datasheet
362Kb / 16P
   N-channel 100V 26.8 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN016-100BS NEXPERIA-PSMN016-100BS Datasheet
805Kb / 14P
   N-channel 100V 16 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN7R0-100BS NXP-PSMN7R0-100BS Datasheet
229Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in D2PAK.
Rev. 2-2 March 2012
PSMN016-100BS PHILIPS-PSMN016-100BS_15 Datasheet
208Kb / 14P
   N-channel 100V 16 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN013-100BS NXP-PSMN013-100BS Datasheet
229Kb / 15P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
Rev. 01-6 January 2011
PSMN013-100BS PHILIPS-PSMN013-100BS_15 Datasheet
271Kb / 13P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
21 February 2014
logo
Nexperia B.V. All right...
PSMN027-100PS NEXPERIA-PSMN027-100PS Datasheet
805Kb / 14P
   N-channel 100V 26.8 mΩ standard level MOSFET in TO220
Rev. 3 - 12 September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com