Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65378 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY65378
Description  860 to 930 MHz RF Front-End Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65378 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY65378_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65378_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202510D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 9, 2015
1
DATA SHEET
SKY65378-11: 860 to 930 MHz RF Front-End Module
Applications
 Smart meters
 In-home appliances
 Smart thermostats
Features
 Integrated LNA with programmable gain
 Integrated antenna switching with transmit/receive diversity
function
 Low FEM noise figure: 2.5 dB typical
 Fast turn-on/turn-off time: <1 μs
 2.0 to 4.8 V supply operation
 Sleep mode current: <1 μA
 Small QFN (24-pin, 4 x 4 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
ANT1
ANT2
Logic Control
TX_IN
TX_FLT
TR
LNA
Y1093
Figure 1. SKY65378-11 Block Diagram
Description
The SKY65378-11 is a high-performance, highly integrated front-
end module (FEM) designed for low power ISM band applications
operating in the 860 to 930 MHz band.
The device is designed for ease of use and maximum flexibility,
with fully matched 50
Ω input and output, and digital controls
compatible with 1.6 to 3.6 V CMOS levels.
The RF blocks operate over a wide supply voltage range from 2.0
to 4.8 V, which allows the SKY65378-11 to be used in battery
powered applications over a wide spectrum of the battery
discharge curve.
The device is provided in a 4 x 4 mm, 24-pin Quad Flat No-Lead
(QFN) package. A functional block diagram is shown in Figure 1.
The pin configuration and package are shown in Figure 2. Signal
pin assignments and functional pin descriptions are provided in
Table 1.


Similar Part No. - SKY65378_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65377-11 SKYWORKS-SKY65377-11 Datasheet
189Kb / 2P
   450 MHz Transmit/Receive Front-End Module
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
More results

Similar Description - SKY65378_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
SE2435L SKYWORKS-SE2435L Datasheet
1Mb / 14P
   860 to 930 MHz High-Power RF Front-End Module
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SE2442L SKYWORKS-SE2442L Datasheet
895Kb / 13P
   902 to 928 MHz High-Power RF Front-End Module
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com