Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN034-100BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN034-100BS
Description  N-channel 100 V 34.5 m廓 standard level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN034-100BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN034-100BS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN034-100BS_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PSMN034-100BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 2 March 2012
6 of 14
NXP Semiconductors
PSMN034-100BS
N-channel 100 V 34.5 m
Ω standard level MOSFET in D2PAK.
td(on)
turn-on delay time
VDS =50V; RL =3.3 Ω; VGS =10V;
RG(ext) =4.7 Ω; Tj =25°C
-12
-ns
tr
rise time
-
10
-
ns
td(off)
turn-off delay time
-
28
-
ns
tf
fall time
-9
-ns
Source-drain diode
VSD
source-drain voltage
IS =15A; VGS =0V; Tj =25°C;
see Figure 17
-
0.85
1.2
V
trr
reverse recovery time
IS =5A; dIS/dt = 100 A/µs; VGS =0V;
VDS =50V
-38
-ns
Qr
recovered charge
-
59
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
003aae110
0
10
20
30
40
50
010
20
30
40
ID(A)
g fs
(S)
003aae107
0
5
10
15
20
25
30
01
23
45
V
GS(V)
I
D
(A)
Tj = 25
°C
Tj = 175
°C


Similar Part No. - PSMN034-100BS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN034-100BS PHILIPS-PSMN034-100BS Datasheet
239Kb / 14P
   N-channel 100 V 34.5 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN034-100BS NEXPERIA-PSMN034-100BS Datasheet
983Kb / 14P
   N-channel 100 V 34.5 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 2 March 2012
More results

Similar Description - PSMN034-100BS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN034-100BS PHILIPS-PSMN034-100BS Datasheet
239Kb / 14P
   N-channel 100 V 34.5 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN034-100PS NXP-PSMN034-100PS Datasheet
256Kb / 15P
   N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Rev. 02-1 March 2010
logo
Nexperia B.V. All right...
PSMN034-100BS NEXPERIA-PSMN034-100BS Datasheet
983Kb / 14P
   N-channel 100 V 34.5 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 2 March 2012
PSMN3R8-100BS NEXPERIA-PSMN3R8-100BS Datasheet
987Kb / 14P
   N-channel 100 V 3.9 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN7R6-100BSE PHILIPS-PSMN7R6-100BSE_15 Datasheet
284Kb / 13P
   N-channel 100 V 7.6 m廓 standard level MOSFET in D2PAK
18 December 2012
logo
Nexperia B.V. All right...
PSMN4R8-100BSE NEXPERIA-PSMN4R8-100BSE Datasheet
789Kb / 13P
   N-channel 100 V 4.8 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R8-100BSE PHILIPS-PSMN4R8-100BSE_15 Datasheet
270Kb / 13P
   N-channel 100 V 4.8 m廓 standard level MOSFET in D2PAK
12 April 2013
PSMN9R5-100BS PHILIPS-PSMN9R5-100BS_15 Datasheet
232Kb / 14P
   N-channel 100 V 9.6 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN7R6-100BSE NEXPERIA-PSMN7R6-100BSE Datasheet
826Kb / 13P
   N-channel 100 V 7.6 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com