Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2435L Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2435L
Description  860 to 930 MHz High-Power RF Front-End Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2435L Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2435L Datasheet HTML 1Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 2Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 3Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 4Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 5Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 6Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 7Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 8Page - Skyworks Solutions Inc. SE2435L Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DATA SHEET • SE2435L: 860 TO 930 MHz HIGH-POWER RF FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202412H • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 7, 2015
5
Table 8. SE2435L Electrical Specifications: AC Receive Mode
(VCC = 4 V, TA = +25
C, f = 900 to 930 MHz and 860 to 870 MHz, All Unused Ports Terminated at 50 Ω, Unless Otherwise Noted. Input
Port ANT1 or ANT2, Output Port TR. 0
Ω Connected between the RX_FLT and LNA_IN Pins in lieu of External Filters)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Frequency range
fIN
860
930
MHz
Receive gain
RX_GAIN
14
16
18
dB
Receive noise figure
NF
2
2.5
dB
Input third order intercept
IIP3
–5
–2
dBm
Input 1-dB compression point
IP1dB
–15
–12
dBm
Antenna port return loss
S11ANT1,2
Into 50
, ANT1 and
ANT2 ports
–12
–8
dB
Turn-on time (Note 1)
tON
1
μs
Turn-off time (Note 2)
tOFF
1
μs
Gain in bypass mode
G_bp
–3
–2
dB
Input 1-dB compression point in bypass mode
IP1dB
+10
dBm
Note 1: From 50% of CTX edge to 90% of final RF output power.
Note 2: From 50% of CTX edge to 10% of final RF output power.
Table 9. SE2435L DC Electrical Specifications: Diversity Antenna Function
(VCC = 4 V, TA = +25
C, f = 900 to 930 MHz and 860 to 870 MHz, All Unused Ports Terminated at 50 , Unless Otherwise Noted)
Parameter
Symbol
Min
Typical
Max
Units
Isolation between ANT1 and ANT2 ports
ISOLANTSW
–20
dB
Insertion loss from TX_IN to ANT1
TX_ANT1
0.8
dB
Insertion loss from TX_IN to ANT2
TX_ANT2
0.8
dB
Insertion loss from ANT1 to RX_FLT
RX_ANT1
0.6
dB
Insertion loss from ANT2 to RX_FLT
RX_ANT2
0.6
dB
Insertion loss from TR to TX_FLT
TxRx_Tx
0.5
dB
ANT1 to ANT2 switching time transmit mode
TANT1-ANT1_TX
800
ns
ANT1 to ANT2 switching time receive mode
TANT1-ANT2_RX
400
ns


Similar Part No. - SE2435L

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2435L-R SKYWORKS-SE2435L-R Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SE2435L

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SE2442L SKYWORKS-SE2442L Datasheet
895Kb / 13P
   902 to 928 MHz High-Power RF Front-End Module
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com