Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTC30010-1TAA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTC30010-1TAA
Description  High-Side Power Connector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTC30010-1TAA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTC30010-1TAA Datasheet HTML 7Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 8Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 9Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 10Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 11Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 12Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 13Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 14Page - Infineon Technologies AG BTC30010-1TAA Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
BTC50010-1TAA & BTC30010-1TAA
General Product Characteristics
Data Sheet
11
1.3, 2015-02-06
Connect FET & Companion
BTC50010-1TAA & BTC30010-1TAA current robustness:
Below diagram present the current robustness of BTC50010-1TAA & BTC30010-1TAA. Generally, module
thermal characteristic is more depending on the module construction (e.g. PCB size, metal layer thickness and
numbers, module connectors) than the thermal characteristic of BTC50010-1TAA & BTC30010-1TAA alone.
When current pulse is longer than 0.3s, influence of module thermal characteristic is dominant. When current pulse
is shorter than 0.3s, influence of thermal characteristic of BTC50010-1TAA & BTC30010-1TAA is getting
significant.
Combining BTC50010-1TAA & BTC30010-1TAA together with a fuse in application, the total I/t curve of the
module (incl. BTC50010-1TAA & BTC30010-1TAA) has to be above the fuse I/t curve. With specified test setup 1)
BTC50010-1TAA & BTC30010-1TAA can withstand minimum 10 fuse blows of a 40A ATO FUSE.
Figure 6
BTC50010-1TAA & BTC30010-1TAA Current Robustness at
T
A = 25°C and TA = 125°C; VS =
13.5V 1)
1) Use test PCB with 2 x 70 µm Cu layers and size of 54 x 48 x 1.5 mm. Where applicable, thermal via array is placed under
the device footprint on this PCB. BTC50010-1TAA & BTC30010-1TAA on PCB have RthJA(2P) = 19.6 K/W (referring to
with 1 W power dissipation from each device). PCB is vertical, keep constant environment temperature by indirect airflow
of 6l/s.
0,1
1
10
100
1000
10
100
1000
Current [A]
BTC50010-1TAA and BTC30010-1TAA in parallel current robustness
at TA=125°C and TA=25°C, Vs=13.5V
PCB is vertical, keep constant enviroment temperature by airflow
Devices absolute max. ratings
@TA=125°C
Devices absolute max. ratings
@TA=25°C


Similar Part No. - BTC30010-1TAA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC3097J3 CYSTEKEC-BTC3097J3 Datasheet
327Kb / 7P
   High Voltage NPN Triple Diffused Planar Transistor
BTC3097T3 CYSTEKEC-BTC3097T3 Datasheet
246Kb / 6P
   High Voltage NPN Triple Diffused Planar Transistor
More results

Similar Description - BTC30010-1TAA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTC50010-1TAA INFINEON-BTC50010-1TAA_15 Datasheet
1Mb / 31P
   High-Side Power Connector
1.3, 2015-02-06
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
   High Side Power Switches
09/14/21
logo
Analog Intergrations Co...
AIC6176 AIC-AIC6176 Datasheet
221Kb / 9P
   High-Side Power Switch
logo
Unisonic Technologies
US94061 UTC-US94061 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
   High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
   High Side Power Switches
logo
Maxim Integrated Produc...
MAX1822EPA MAXIM-MAX1822EPA Datasheet
175Kb / 10P
   High-Side Power Supply
Rev 0; 1/01
MAX1822 MAXIM-MAX1822 Datasheet
173Kb / 10P
   High-Side Power Supply
19-1892; Rev 0; 1/01
MAX622 MAXIM-MAX622 Datasheet
352Kb / 12P
   High-Side Power Supplies
Rev 0; 4/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com