Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTC30010-1TAA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTC30010-1TAA
Description  High-Side Power Connector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTC30010-1TAA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTC30010-1TAA_15 Datasheet HTML 6Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 7Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 8Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 9Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 10Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 11Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 12Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 13Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
BTC50010-1TAA & BTC30010-1TAA
General Product Characteristics
Data Sheet
10
1.3, 2015-02-06
Connect FET & Companion
Continuous drain current
BTC50010-1TAA
I
D
––
163
A
T
C = 25 °C
V
IN = 0 V, ICP ≤ 2µA
Current is limited by
bondwire
P_4.1.10
Continuous drain current of
BTC30010-1TAA
I
D_C
––
163
A
T
C = 25 °C
V
GS ≥ 6.2 V
Current is limited by
bondwire
P_4.1.11
Power Stage
Average power dissipation
P
TOT
––
160
W
6) BTC50010-1TAA
or BTC30010-1TAA
For
T
J(0) ≤ 105 °C
P_4.1.14
Temperatures
Junction Temperature
T
J
-40
150
°C
P_4.1.15
Dynamic Temperature increase
while switching
T
J
––
60
K
P_4.1.16
Storage Temperature
T
STG
-55
150
°C
P_4.1.17
ESD Susceptibility
ESD Susceptibility (all pins)
V
ESD
-2
2
kV
HBM7)
P_4.1.18
ESD Susceptibility BTC50010-
1TAA OUT pin vs.
V
S
V
ESD_out
-4
4
kV
HBM7)
P_4.1.19
ESD Susceptibility BTC30010-
1TAA Drain pin
V
ESD_D
-4
4
kV
HBM7)
P_4.1.20
ESD Susceptibility BTC30010-
1TAA Source pin
V
ESD_S
-4
4
kV
HBM7)
P_4.1.21
1) Not subject to production test, specified by design.
2)
V
S(LD) is setup without DUT connected to the generator per ISO 7637-1.
3) Relevant to application case such as loss of load, loss of battery (also negative ISO pulse).
4)
I
Q_b_125°C = a x b x IRATE. “a” is the temperature re-rating factor from the fuse curve for 125°C refer to 25°C. “b” is the factor
of load current to
I
RATE at 25°C.
5) Use test PCB with 2 x 70 µm Cu layers and size of 54 x 48 x 1.5 mm. Where applicable, thermal via array is placed under
the device footprint on this PCB. BTC50010-1TAA & BTC30010-1TAA on PCB have
R
thJA(2P) = 19.6 K/W (referring to 1W
power dissipation for each device). PCB is vertical, keep constant environment temperature by indirect airflow of 6L/s.
6)
P
TOT = (TJ(0) - TC) / RthJC. PTOT_max = (105°C - 25°C) / 0.5 K/W = 160 W.
7) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS-001-2010.
Table 4
Absolute Maximum Ratings (cont’d)1)
T
J = -40 °C to +150 °C, all voltages and currents refer to definitions in Figure 4 and Figure 5 (unless otherwise
specified). All parameters are specified for BTC50010-1TAA drives BTC30010-1TAA in parallel or anti serial
(unless otherwise specified).
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - BTC30010-1TAA_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC3097J3 CYSTEKEC-BTC3097J3 Datasheet
327Kb / 7P
   High Voltage NPN Triple Diffused Planar Transistor
BTC3097T3 CYSTEKEC-BTC3097T3 Datasheet
246Kb / 6P
   High Voltage NPN Triple Diffused Planar Transistor
More results

Similar Description - BTC30010-1TAA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTC50010-1TAA INFINEON-BTC50010-1TAA_15 Datasheet
1Mb / 31P
   High-Side Power Connector
1.3, 2015-02-06
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
   High Side Power Switches
09/14/21
logo
Analog Intergrations Co...
AIC6176 AIC-AIC6176 Datasheet
221Kb / 9P
   High-Side Power Switch
logo
Unisonic Technologies
US94061 UTC-US94061 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
   High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
   High Side Power Switches
logo
Maxim Integrated Produc...
MAX1822EPA MAXIM-MAX1822EPA Datasheet
175Kb / 10P
   High-Side Power Supply
Rev 0; 1/01
MAX1822 MAXIM-MAX1822 Datasheet
173Kb / 10P
   High-Side Power Supply
19-1892; Rev 0; 1/01
MAX622 MAXIM-MAX622 Datasheet
352Kb / 12P
   High-Side Power Supplies
Rev 0; 4/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com