Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTC30010-1TAA Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # BTC30010-1TAA
Description  High-Side Power Connector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTC30010-1TAA Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button BTC30010-1TAA_15 Datasheet HTML 26Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 27Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 28Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 29Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 30Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 31Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 32Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 33Page - Infineon Technologies AG BTC30010-1TAA_15 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
BTC50010-1TAA & BTC30010-1TAA
Application Information
Data Sheet
30
1.3, 2015-02-06
Connect FET & Companion
Figure 28
Application Diagram with BTC50010-1TAA and BTC30010-1TAA for Reverse Blocking.
Table 11
Bill of material
Reference Value
Purpose
T
1
NPN or MOSFET
transistor
NPN (e.g. BCR133) or MOSFET (e.g. BSS123) transistor suitable for 5V voltage
range controlled by control unit for driving the BTC50010-1TAA
R
IN
100 Ω
Protection of BTC50010-1TAA and the microcontroller or control unit during
over voltage and reverse polarity, which could be created by huge negative
pulse (like ISO pulse 1)
Z
1 and Z2
Zener diodes
Protection of the BTC50010-1TAA & BTC30010-1TAA during loss of load
(correspond to fuse blow on fuse A) or loss of battery (correspond to fuse blow
on fuse B) or against huge negative pulse (like ISO pulse 1), please refer to
Figure 14 and Figure 15.
IN1
CP
OUT
Vs
IN2
T1
VBAT
R/L cable
Fuse B
Depending on application requirement, either
fuse A or fuse B will be placed
RIN
BTC50010-1TAA
BTC30010-1TAA
VZ2
VZ1
Z1
Z2
Module Ground
Module
Za
Zb
Za
Option
A
Option
B
Ground
Fuse A
Options for free wheeling path
of inductive load
Load
R/L cable
D
G
S


Similar Part No. - BTC30010-1TAA_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC3097J3 CYSTEKEC-BTC3097J3 Datasheet
327Kb / 7P
   High Voltage NPN Triple Diffused Planar Transistor
BTC3097T3 CYSTEKEC-BTC3097T3 Datasheet
246Kb / 6P
   High Voltage NPN Triple Diffused Planar Transistor
More results

Similar Description - BTC30010-1TAA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTC50010-1TAA INFINEON-BTC50010-1TAA_15 Datasheet
1Mb / 31P
   High-Side Power Connector
1.3, 2015-02-06
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
   High Side Power Switches
09/14/21
logo
Analog Intergrations Co...
AIC6176 AIC-AIC6176 Datasheet
221Kb / 9P
   High-Side Power Switch
logo
Unisonic Technologies
US94061 UTC-US94061 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
   High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
   High Side Power Switches
logo
Maxim Integrated Produc...
MAX1822EPA MAXIM-MAX1822EPA Datasheet
175Kb / 10P
   High-Side Power Supply
Rev 0; 1/01
MAX1822 MAXIM-MAX1822 Datasheet
173Kb / 10P
   High-Side Power Supply
19-1892; Rev 0; 1/01
MAX622 MAXIM-MAX622 Datasheet
352Kb / 12P
   High-Side Power Supplies
Rev 0; 4/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com