Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN050-80BS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN050-80BS
Description  N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN050-80BS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN050-80BS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 10Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 11Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 12Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 13Page - NXP Semiconductors PSMN050-80BS_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PSMN050-80BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 2 March 2012
10 of 14
NXP Semiconductors
PSMN050-80BS
N-channel 80 V 46 m
Ω standard level MOSFET in D2PAK
7.
Package outline
Fig 18. Package outline SOT404 (D2PAK)
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.80
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
05-02-11
06-03-16


Similar Part No. - PSMN050-80BS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN050-80BS NEXPERIA-PSMN050-80BS Datasheet
976Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
More results

Similar Description - PSMN050-80BS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN050-80BS NEXPERIA-PSMN050-80BS Datasheet
976Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN017-80BS NXP-PSMN017-80BS Datasheet
210Kb / 14P
   N-channel 80 V 17 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN8R7-80BS NEXPERIA-PSMN8R7-80BS Datasheet
976Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN012-80BS PHILIPS-PSMN012-80BS_15 Datasheet
210Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN8R7-80BS PHILIPS-PSMN8R7-80BS_15 Datasheet
231Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN5R0-80BS NXP-PSMN5R0-80BS Datasheet
220Kb / 15P
   N-channel 80 V, 5.1 m廓 standard level MOSFET in D2PAK
Rev. 1-20 March 2012
logo
Nexperia B.V. All right...
PSMN4R4-80BS NEXPERIA-PSMN4R4-80BS Datasheet
819Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
PSMN012-80BS NEXPERIA-PSMN012-80BS Datasheet
805Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN2R8-80BS PHILIPS-PSMN2R8-80BS_15 Datasheet
232Kb / 14P
   N-channel 80 V, 3 m廓 standard level FET in D2PAK
Rev. 2-29 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com