Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC160-ISN Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC160-ISN
Description  8K/16K 2.5V SPI O Bus Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC160-ISN Datasheet(HTML) 4 Page - Microchip Technology

  24LC160-ISN Datasheet HTML 1Page - Microchip Technology 24LC160-ISN Datasheet HTML 2Page - Microchip Technology 24LC160-ISN Datasheet HTML 3Page - Microchip Technology 24LC160-ISN Datasheet HTML 4Page - Microchip Technology 24LC160-ISN Datasheet HTML 5Page - Microchip Technology 24LC160-ISN Datasheet HTML 6Page - Microchip Technology 24LC160-ISN Datasheet HTML 7Page - Microchip Technology 24LC160-ISN Datasheet HTML 8Page - Microchip Technology 24LC160-ISN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
25LC080/160
DS21145D-page 4
Preliminary
© 1996 Microchip Technology Inc.
TABLE 1-3:
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted.
VCC = +2.5V to +5.5V
Commercial (C):
Tamb =
0˚C to +70˚C
Industrial (I):
Tamb =
-40˚C to +85˚C
Symbol
Parameter
Min
Max
Units
Test Conditions
fSCK
Clock Frequency
3
2
MHz
MHz
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tCSS
CS Setup Time
100
250
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tCSH
CS Hold Time
100
250
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tCSD
CS Disable Time
250
500
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tSU
Data Setup Time
30
50
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tHD
Data Hold Time
50
100
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tR
CLK Rise Time
2
µs
(Note 1)
tF
CLK Fall Time
2
µs
(Note 1)
tHI
Clock High Time
150
250
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tLO
Clock Low Time
150
250
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tCLD
Clock Delay Time
50
ns
tV
Output Valid from
Clock Low
150
250
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
200
250
ns
ns
VCC=4.5V to 5.5V (Note 1)
VCC=2.5V to 4.5V (Note 1)
tHS
HOLD Setup Time
100
100
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tHH
HOLD Hold Time
100
100
ns
ns
VCC=4.5V to 5.5V
VCC=2.5V to 4.5V
tHZ
HOLD Low to Output High-Z
100
150
ns
ns
VCC=4.5V to 5.5V (Note 1)
VCC=2.5V to 4.5V (Note 1)
tHV
HOLD High to Output Valid
100
150
ns
ns
VCC=4.5V to 5.5V (Note 1)
VCC=2.5V to 4.5V (Note 1)
tWC
Internal Write Cycle Time
5
ms
(Note 2)
Endurance
10M
E/W Cycles 25
°C, Vcc = 5.0V, Block Mode
(Note 3)
Note 1: This parameter is periodically sampled and not 100% tested.
2: tWC begins on the rising edge of CS after a valid write sequence and ends when the internal self-timed write
cycle is complete.
3: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.


Similar Part No. - 24LC160-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16 MICROCHIP-24LC16 Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24LC16 MICROCHIP-24LC16 Datasheet
75Kb / 12P
   16K 2.5V I 2 C O Serial EEPROM
2007
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
24LC164-/P MICROCHIP-24LC164-/P Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
24LC164-/PQTP MICROCHIP-24LC164-/PQTP Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
More results

Similar Description - 24LC160-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com