Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORA1L03-J5 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # ORA1L03-J5
Description  A triangulation system that uses an infrared LED and a PSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ORA1L03-J5 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  ORA1L03-J5 Datasheet HTML 1Page - KODENSHI_AUK CORP. ORA1L03-J5 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORA1L03-J5
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
140
0
20
40
60
80
100
120
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
- 10
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0
2000
4000
6000
8000
10000
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
- 60
- 40
- 20
0
20
40
60
外形寸法 DIMENSIONS ( Unit : mm)
距離特性 Distance Characteristic
検出範囲特性 Detection Range Characteristic*2
外乱光特性 Exterior Light Characteristic*1
温度特性 Temperature Characteristic
L=0
GND
VC C
Vout
Mar.2014
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、
内容の確認をお願い致します。
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
please refer to the latest specifications.
問い合わせ先/A REFERENCE
東京営業/TOKYO SALES
京都営業/KYOTO SALES
海外/OVERSEAS
TEL 03-6455-0280
FAX 03-3461-1566
TEL 0774-20-3559
FAX 0774-24-1031
TEL +81-(0)774-24-1138
FAX +81-(0)774-24-1031
URL http://www.kodenshi.co.jp
26.5
15.6
34.5
2X 3.2
HOLE
2XR4
5
12
5
9.5
13.25
(10.4)
12
HOLDER
PCB
Infrared Range Finding Sensor
赤外線測距センサ
距離 L (cm)
照度 Lx(lx)
温度 Ta(℃)
検出範囲 X (mm)
L (cm)
-X (mm)
+X (mm)
*2
*1
センサ
測定位置
白熱灯
検出基準対象物*
L (cm)
外乱光特性測定図
検出範囲特性測定図
*. 無光沢反射紙、白、反射率90%
*. 無光沢反射紙、白、反射率90%
センサ
検出基準対象物
L=10cm
L=30cm
L=60cm
L=80cm
L=150cm
L=10cm
L=20cm
L=40cm
L=100cm
L=150cm
White (R= 90%)
Gray (R=18%)
L=10cm
L=30cm
L=60cm
L=80cm
L=150cm


Similar Part No. - ORA1L03-J5

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ORA1L03 KODENSHI-ORA1L03 Datasheet
140Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
More results

Similar Description - ORA1L03-J5

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ORA1L02 KODENSHI-ORA1L02 Datasheet
205Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
ORD1M13 KODENSHI-ORD1M13 Datasheet
182Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
ORA1L03 KODENSHI-ORA1L03 Datasheet
140Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
logo
TOKYO SEIMITSU CO., LTD
E-DT-AHA-E ACCRETECH-E-DT-AHA-E Datasheet
162Kb / 1P
   An A-E converter is a unit that uses bellows and a differential transformer to convert the minute
logo
Omron Electronics LLC
V600-HAM42-DRT OMRON-V600-HAM42-DRT Datasheet
860Kb / 12P
   An RFID system that is as easy and simple to use as a sensor. No programming required.
logo
Rohm
BA9743AFV-E ROHM-BA9743AFV-E Datasheet
4Mb / 17P
   A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
logo
KODENSHI_AUK CORP.
ORA2S01 KODENSHI-ORA2S01 Datasheet
286Kb / 2P
   Analog output that depends on a distance to an object
logo
Ralston Instruments.
QTHA-2MBL RALSTON-QTHA-2MBL Datasheet
666Kb / 1P
   Connect a hose to an adapter that is in a hard to reach place
QTHA-2MBL RALSTON-QTHA-2MBL_19 Datasheet
629Kb / 1P
   Connect a hose to an adapter that is in a hard to reach place
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com