Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17595ATE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17595ATE
Description  Peak-Current-Mode Controllers for Flyback and Boost Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17595ATE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17595ATE Datasheet HTML 5Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 6Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 7Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 8Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 9Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 10Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 11Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 12Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MAX17595/MAX17596/MAX17597
Peak-Current-Mode Controllers for
Flyback and Boost Regulators
9
Maxim Integrated
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1, 12
N.C.
No Connection
2
SLOPE
Slope Compensation Input. A resistor, RSLOPE, connected from SLOPE to SGND programs the
amount of slope compensation with reference-voltage soft-start mode. Connecting this pin to
SGND enables duty-cycle soft-start with default slope compensation of 50mV/Fs. Setting VSLOPE >
4V enables reference voltage soft-start with default slope compensation of 50mV/Fs.
3
RT
Switching Frequency Programming Resistor Connection. Connect resistor RRT from RT to SGND to
set the PWM switching frequency.
4
DITHER/SYNC
Frequency Dithering Programming or Synchronization Connection. For spread-spectrum frequency
operation, connect a capacitor from DITHER to SGND, and a resistor from DITHER to RT. To
synchronize the internal oscillator to the externally applied frequency (MAX17595/MAX17596 only),
connect DITHER/SYNC to the synchronization pulse.
5
COMP
Transconductance Amplifier Output. Connect the frequency compensation network between
COMP and SGND.
6
FB
Transconductance Amplifier Inverting Input
7
SS
Soft-Start Capacitor Pin for Flyback Regulator. Connect a capacitor CSS from SS to SGND to set
the soft-start time interval.
8
SGND
Signal Ground. Connect SGND to the signal ground plane.
9
CS
Current-Sense Input. Peak-current-limit trip voltage is 300mV (typ).
10
PGND
Power Ground. Connect PGND to the power ground plane.
11
NDRV
External Switching nMOS Gate-Driver Output
15
16
14
13
5
6
7
8
13
VIN
4
12
10
9
EN/ UVLO
OVI
EP
SGND
SS
FB
COMP
2
11
VDRV
TQFN
MAX17595
MAX17596
TOP VIEW
+
15
16
14
13
5
6
7
8
13
VIN
4
12
10
9
EN/UVLO
OVI
EP
SGND
SS
FB
COMP
2
11
VDRV
TQFN
MAX17597
+


Similar Part No. - MAX17595ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595ATE++ MAXIM-MAX17595ATE+ Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
More results

Similar Description - MAX17595ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_13 Datasheet
1Mb / 23P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 2; 6/13
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Maxim Integrated Produc...
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com