Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54053IHZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54053IHZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053IHZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54053IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL54053IHZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6460.3
October 19, 2009
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
57
PROCESS:
Submicron CMOS
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY
VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. CROSSTALK AND OFF ISOLATION
FIGURE 18. CHARGE INJECTION vs SWITCH
VOLTAGE
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified. (Continued)
V+ (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VINH
VINL
FREQUENCY (Hz)
0
GAIN
10M
1G
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
-3
V+ = 5.0V
100M
1M
-2
-1
0.1k
0.01k
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-120
-20
-40
-60
-80
-100
ISOLATION
CROSSTALK
V+ = 1.8V to 5.5V
0
-120
-20
-40
-60
-80
-100
0
012
345
-60
-40
-20
0
10
30
40
VCOM (V)
V+ = 3.0V
V+ = 5V
V+ = 1.8V
-50
-30
-10
20
V+ = 3.0V
ISL54053


Similar Part No. - ISL54053IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053IHZ-T INTERSIL-ISL54053IHZ-T Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL54053IHZ-T RENESAS-ISL54053IHZ-T Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results

Similar Description - ISL54053IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com