Electronic Components Datasheet Search |
|
ISL54051IHZ-T Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL54051IHZ-T Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 12 page 5 FN6459.3 October 19, 2009 Electrical Specifications - 1.8V SupplyTest Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Note 4), Unless Otherwise Specified. Boldface limits apply over the operating tempera- ture range, -40°C to +85°C. PARAMETER TEST CONDITIONS TEMP (°C) MIN (Notes 10, 11) TYP MAX (Notes 10, 11) UNITS ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG Full 0 - V+ V ON-Resistance, rON V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+ (See Figure 4, Note 13) 25 - 2.33 - Ω Full - 2.54 - Ω DYNAMIC CHARACTERISTICS Turn-ON Time, tON V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF (See Figure 1, Note 13) 25 - 68 - ns Full - 93 - ns Turn-OFF Time, tOFF V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF (See Figure 1, Note 13) 25 - 45 - ns Full - 71 - ns Charge Injection, Q VG = V+/2, RG = 0Ω, CL = 1.0nF (See Figure 2) 25 - 18 - pC DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL Full - - 0.4 V Input Voltage High, VINH Full 1 - - V NOTES: 9. VIN = input voltage to perform proper function. 10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 12. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range. 13. Limits established by characterization and are not production tested. ISL54051, ISL54052 |
Similar Part No. - ISL54051IHZ-T |
|
Similar Description - ISL54051IHZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |