Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29102IROZ-EVALZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL29102IROZ-EVALZ
Description  Low Power Ambient Light-to-Voltage Non-Linear Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29102IROZ-EVALZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL29102IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN6483.1
July 15, 2010
FIGURE 1. TEST CIRCUIT FOR RISE/FALL TIME
MEASUREMENT
FIGURE 2. TIMING DIAGRAM
ISL29102
FUNCTION
GENERATOR
VDD
REXT
VOUT
POWER SUPPLY
OR
SOURCE METER
INPUT
LIGHT
OUTPUT
10%
90%
tR
tF%
10%
90%
tD
tS
Typical Performance Curves
FIGURE 3. SPECTRAL RESPONSE
FIGURE 4. SPECTRUM OF LIGHT SOURCES
FIGURE 5. RADIATION PATTERN
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
600
800
1.0k
WAVELENGTH (nm)
LIGHT SENSOR RESPONSE
HUMAN EYE RESPONSE
1.1k
0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
500
600
700
800
900
1000 1100
WAVELENGTH (nm)
SUN
HALOGEN
INCANDESCENT
FLUORESCENT
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
90°
80°
70°
60°
50°
40°
30°
20°
10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
0.4
0.6
0.8
1.0
ISL29102


Similar Part No. - ISL29102IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29102IROZ-EVALZ INTERSIL-ISL29102IROZ-EVALZ Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102IROZ-EVALZ RENESAS-ISL29102IROZ-EVALZ Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
More results

Similar Description - ISL29102IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
   OPIC??Linear Output Ambient Light Sensor
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com