Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29030IROZ-EVALZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL29030IROZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030IROZ-EVALZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL29030IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL29030
3
FN6872.1
November 12, 2012
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . . . . .4.0V
I2C Bus Pin Voltage (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
I2C Bus Pin Current (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD + 0.5V
IRDR Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V
IALS Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD + 0.5V
INT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
INT Pin Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model (Note 5). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
8 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
88
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (*) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB477
*Peak temperature during solder reflow +235°C max
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. ESD on all pins is 2kV except for IRDR, which is 1.5kV.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VDD = 3.0V, TA = +25°C, REXT = 499kΩ 1% tolerance.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 10) TYP
MAX
(Note 10) UNIT
VDD
Power Supply Range
2.25
3.0
3.63
V
SR_VDD
Input Power-up Slew Rate
VDD Rising Edge between 0.4V and 2.25V
0.5
V/ms
IDD_OFF
Supply Current when Powered Down
ALS_EN = 0; PROX_EN = 0
0.1
0.8
µA
IDD_NORM
Supply Current for ALS+Prox in Sleep Time
ALS_EN = 1; PROX_EN = 1
116
135
µA
IDD_PRX_SLP Supply Current for Prox in Sleep Time
ALS_EN = 0; PROX_EN = 1
85
µA
IDD_ALS
Supply Current for ALS
ALS_EN = 1; PROX_EN = 0
102
µA
fOSC
Internal Oscillator Frequency
5.25
MHz
tINTGR_ALS
12-bit ALS Integration/Conversion Time
88
100
112
ms
tINTGR_PROX 8-bit Prox Integration/Conversion Time
0.54
ms
IALS_OFF
IALS Output Current when ALS = Disabled
ALS_EN = 0; VI_ALS = 0V
3
100
nA
IALS_0
IALS Output Current When Dark
ALS_EN = 1; ALS_RANGE = 1; E = 0 Lux
0.1
0.6
µA
IALS_1
Current Output under Specified Conditions
E = 53 lux, Fluorescent (Note 6),
ALS_RANGE = 0
161
µA
IALS_2
Current Output under Specified Conditions
E = 320 lux, Fluorescent (Note 6)
ALS_RANGE = 1
40
60
80
µA
IALS_F
IALS Output Current At Full Scale
ALS_EN = 1; ALS Code = 4095
380
420
460
µA
VI_ALS
Compliance Voltage on IALS w/ 5% Variation in
Output Current
ALS_EN = 1; ALS Code = 4095
0
VDD-0.8
V
DATAALS_0
ALS Result when Dark
EAMBIENT = 0 lux, 2k Range
1
3
Counts
DATAALS_F
Full Scale ALS ADC Code
EAMBIENT > Selected Range Maximum Lux (Note 9)
4095
Counts
ΔDATA
DATA
Count Output Variation Over Three Light
Sources: Fluorescent, Incandescent and
Sunlight
Ambient Light Sensing
±10
%
DATAALS_1
Light Count Output with LSB of
0.0326 lux/count
E = 53 lux, Fluorescent (Notes 6
, 9),
ALS_RANGE = 0
1638
Counts


Similar Part No. - ISL29030IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29030IROZ-EVALZ RENESAS-ISL29030IROZ-EVALZ Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

Similar Description - ISL29030IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030AIROZ-T7 INTERSIL-ISL29030AIROZ-T7 Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com