Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29011IROZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL29011IROZ-T7
Description  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011IROZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL29011IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL29011
2
FN6467.6
May 1, 2014
Submit Document Feedback
Pin Configuration
ISL29011
(8 LD ODFN)
TOP VIEW)
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TEMP. RANGE
(°C)
PACKAGE
Tape and Reel
(Pb-Free)
PKG.
DWG. #
ISL29011IROZ-T7
-40 to +85
8 Ld ODFN
L8.2.1x2.0
ISL29011IROZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL29011. For more information on MSL, please see tech brief TB477.
1
2
3
8
7
6
VDDD
VDDA
GND
IRDR
INT
SDA
4
5
REXT
SCL
EXPOSED PAD CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VDDD
Positive digital supply: 2.25V to 3.63V.
2
VDDA
Positive analog supply: 2.25V to 3.63V, VDDA and VDDD should be externally shorted.
3
GND
Ground. The thermal pad is also connected to the GND pin.
4
REXT
External resistor pin setting the internal reference current and the conversion time. 499kΩ with a 1% tolerance resistor
is recommended.
5SCL
I2C serial clock line
The I2C bus lines can be pulled from 1.7V to above VDD, 3.63V max.
6SDA
I2C serial data line
7INT
Interrupt pin; LO for interrupt/alarming. The INT pin is an open drain.
8
IRDR
IR LED driver pin connecting to the anode of the external IR LED. The source current of the IR LED driver can be
programmed through I2C.
Exposed pad connected to ground or electrically isolated.


Similar Part No. - ISL29011IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29011IROZ-T7 RENESAS-ISL29011IROZ-T7 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

Similar Description - ISL29011IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com