Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI1-0509A-2 Datasheet(PDF) 15 Page - Intersil Corporation

Part No. HI1-0509A-2
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0509A-2 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button HI1-0509A-2 Datasheet HTML 11Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 12Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 13Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 14Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 15Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 16Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 17Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 18Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
FN3143.6
October 30, 2007
Die Characteristics
DIE DIMENSIONS:
159 mils x 83.9 mils
METALLIZATION:
Type: CuAl
Thickness: 16k
Å ±2kÅ
SUBSTRATE POTENTIAL (NOTE):
-VSUPPLY
PASSIVATION:
Silox: 12k
Å ±2kÅ
Nitride: 3.5k
Å ±1kÅ
WORST CASE CURRENT DENSITY:
1.4 x 105 A/cm2
TRANSISTOR COUNT:
485
PROCESS:
CMOS-DI
NOTE: The substrate appears resistive to the -VSUPPLY terminal, therefore it may be left floating (Insulating Die Mount) or it may be mounted on a
conductor at -VSUPPLY potential.
Metallization Mask Layouts
HI-506A
HI-507A
IN 9
IN 10
IN 11
IN 12
IN 13
IN 14
IN 15
IN 16
V- (27)
+V (1)
NC (2)
IN 1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
IN 8
EN
A0
A1 A2
VREF
GND
(18)
(17)
(16) (15)
(13)
(12)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
OUT (28)
A3
(14)
IN 1B
IN 2B
IN 3B
IN 4B
IN 5B
IN 6B
IN 7B
IN 8B
V- (27)
+V (1)
OUT B(2)
IN 1A
IN 2A
IN 3A
IN 4A
IN 5A
IN 6A
IN 7A
IN 8A
EN
A0
A1 A2
NC VREF
GND
(18)
(17)
(16) (15)
(14) (13)
(12)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
OUT A (28)
HI-506A, HI-507A, HI-508A, HI-509A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn