Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI1-0509A-2 Datasheet(PDF) 14 Page - Intersil Corporation

Part No. HI1-0509A-2
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0509A-2 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HI1-0509A-2 Datasheet HTML 10Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 11Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 12Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 13Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 14Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 15Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 16Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 17Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
FN3143.6
October 30, 2007
FIGURE 8A. TEST CIRCUIT
FIGURE 8B. MEASUREMENT POINTS
FIGURE 8C. WAVEFORMS
FIGURE 8. ENABLE DELAYS
Test Circuits and Waveforms
TA = +25°C, VSUPPLY = ±15V, VAH = 4V, VAL = 0.8V, VREF = Open,
Unless Otherwise Specified (Continued)
IN 1
IN 2 THRU
IN 8 /IN 16
OUT
A0
EN
A1
50pF
A3
A2
VA
GND
1k
Ω
+10V
IN 7/IN 15
HI-506A
Similar connection for HI-507A//HI-508A/HI-509A
50
Ω
VOUT
VAH = 4.0V
0V
OUTPUT
tOFF(EN)
tON(EN)
10%
50%
50%
90%
ENABLE DRIVE
(VA)
0V
DISABLED
OUTPUT
2V/DIV.
100ns/DIV.
ENABLE DRIVE
2V/DIV.
ENABLED
(S1 ON)
HI-506A, HI-507A, HI-508A, HI-509A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn