Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI1-0509A-2 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HI1-0509A-2
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0509A-2 Datasheet(HTML) 1 Page - Intersil Corporation

  HI1-0509A-2 Datasheet HTML 1Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 2Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 3Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 4Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 5Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 6Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 7Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 8Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN3143.6
HI-506A, HI-507A, HI-508A, HI-509A
16-Channel, 8-Channel, Differential
8-Channel and Differential 4-Channel,
CMOS Analog MUXs with Active
Overvoltage Protection
The HI-506A, HI-507A, HI-508A and HI-509A are analog
multiplexers with active overvoltage protection. Analog input
levels may greatly exceed either power supply without
damaging the device or disturbing the signal path of other
channels. Active protection circuitry assures that signal
fidelity is maintained even under fault conditions that would
destroy other multiplexers. Analog inputs can withstand
constant 70VP-P levels with ±15V supplies. Digital inputs will
also sustain continuous faults up to 4V greater than either
supply. In addition, signal sources are protected from short
circuiting should multiplexer supply loss occur. Each input
presents 1k
Ω of resistance under this condition. These
features make the HI-506A, HI-507A, HI-508A and HI-509A
ideal for use in systems where the analog inputs originate
from external equipment, or separately powered circuitry. All
devices are fabricated with 44V dielectrically isolated CMOS
technology. The HI-506A is a single 16-channel multiplexer,
the HI-507A is an 8-channel differential multiplexer, the
HI-508A is a single 8-channel multiplexer and the HI-509A is
a differential 4-channel multiplexer. If input overvoltage
protection is not needed the HI-506/507/508/509
multiplexers are recommended. For further information see
Application Note AN520.
Features
• Analog Overvoltage . . . . . . . . . . . . . . . . . . . . . . . . 70VP-P
• No Channel Interaction During Overvoltage
• Maximum Power Supply . . . . . . . . . . . . . . . . . . . . . . 44V
• Fail Safe with Power Loss (No Latch-Up)
• Break-Before-Make Switching
• Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . .
±15V
• Access Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns
• Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . 7.5mW
• Pb-Free Available (RoHS Compliant)
Applications
• Data Acquisition Systems
• Industrial Controls
• Telemetry
Data Sheet
October 30, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004, 2007. All Rights Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn