Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI1-0509A-2 Datasheet(PDF) 8 Page - Intersil Corporation

Part No. HI1-0509A-2
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0509A-2 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI1-0509A-2 Datasheet HTML 4Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 5Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 6Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 7Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 8Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 9Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 10Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 11Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN3143.6
October 30, 2007
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+44V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+22V
V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V
Digital Input Voltage (VEN, VA) . . . . . . . . . . . . . (V-) -4V to (V+) +4V
or 20mA, Whichever Occurs First
Analog Signal (VIN, VOUT) . . . . . . . . . . . . . . (V-) -20V to (V+) +20V
Continuous Current, IN or OUT . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current, IN or OUT, Pulsed 1ms, 10% Duty Cycle (Max) . . 40mA
Operating Conditions
Temperature Ranges
HI-506A/507A/508A/509A-2, -8 . . . . . . . . . . . . . .-55°C to +125°C
HI-506A/507A/508A/509A-5. . . . . . . . . . . . . . . . . . . 0°C to +75°C
Thermal Resistance (Typical, Note 3)
θJA (°C/W) θJC (°C/W)
28 Ld CERDIP Package. . . . . . . . . . . .
55
18
16 Ld CERDIP Package. . . . . . . . . . . .
75
22
28 Ld PDIP Package . . . . . . . . . . . . . .
60
N/A
16 Ld PDIP Package . . . . . . . . . . . . . .
90
N/A
Maximum Junction Temperature
CERDIP Packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
PDIP Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Supplies = +15V, -15V; VREF Pin = Open; VAH (Logic Level High) = 4V; VAL (Logic Level Low) = 0.8V,
Unless Otherwise Specified. For Test Conditions, Consult Test Circuits Section.
PARAMETER
TEST
CONDITIONS
TEMP
(°C)
-2, -8
-5
UNITS
MIN
(Note 12)
TYP
MAX
(Note 12)
MIN
(Note 12)
TYP
MAX
(Note 12)
DYNAMIC CHARACTERISTICS
Access Time, tA
Note 4
25
-
0.5
-
-
0.5
-
μs
Full
-
-
1.0
-
-
1.0
μs
Break-Before-Make Delay, tOPEN
Note 4
25
25
80
-
25
80
-
ns
Enable Delay (ON), tON(EN)
Note 4
25
-
300
500
-
300
-
ns
Full
-
-
1000
-
-
1000
ns
Enable Delay (OFF), tOFF(EN)
Note 4
25
-
300
500
-
300
-
ns
Full
-
-
1000
-
-
1000
ns
Settling Time, tS
HI-506A and HI-507A
To 0.1%
25
-
1.2
-
-
1.2
-
μs
To 0.01%
25
-
3.5
-
-
3.5
-
μs
HI-508A and HI-509A
To 0.1%
25
-
1.2
-
-
1.2
-
μs
To 0.01%
25
-
3.5
-
-
3.5
-
μs
Off Isolation
Note 9
25
-
68
-
-
68
-
dB
Channel Input Capacitance, CS(OFF)
25
-10-
-10-
pF
Channel Output Capacitance, CD(OFF)
HI-506A
25
-
52
-
-
52
-
pF
HI-507A
25
-
30
-
-
30
-
pF
HI-508A
25
-
25
-
-
25
-
pF
HI-509A
25
-
12
-
-
12
-
pF
Digital Input Capacitance, CA
25
-10-
-10-
pF
Input to Output Capacitance, CDS(OFF)
25
-
0.1
-
-
0.1
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Low Threshold, TTL Drive, VAL
Note 4
Full
-
-
0.8
-
-
0.8
V
Input High Threshold, VAH (Note 11)
Note 4
Full
4.0
-
-
4.0
-
-
V
HI-506A, HI-507A, HI-508A, HI-509A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn