Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI1-0509A-2 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HI1-0509A-2
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0509A-2 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-0509A-2 Datasheet HTML 1Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 2Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 3Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 4Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 5Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 6Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 7Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 8Page - Intersil Corporation HI1-0509A-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN3143.6
October 30, 2007
Functional Diagrams
HI-506A
HI-507A
HI-508A
HI-509A
DECODER/
DRIVER
† † † †
OUT
IN 1
IN 2
IN 16
PROTECTION
A0 A1 A2 A3
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
VREF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
DECODER/
DRIVER
OUT
IN 1A
IN 8A
IN 1B
PROTECTION
A0 A1 A2
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
VREF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
IN 8B
1k
A
OUT
B
DECODER/
DRIVER
OUT
IN 1
IN 2
IN 8
PROTECTION
A0 A1
A2
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
DECODER/
DRIVER
OUT
IN 1A
IN 4A
IN 1B
PROTECTION
A0 A1
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
IN 4B
1k
A
OUT
B
HI-506A, HI-507A, HI-508A, HI-509A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn