Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG406DJZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG406DJZ
Description  Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG406DJZ Datasheet(HTML) 2 Page - Intersil Corporation

  DG406DJZ Datasheet HTML 1Page - Intersil Corporation DG406DJZ Datasheet HTML 2Page - Intersil Corporation DG406DJZ Datasheet HTML 3Page - Intersil Corporation DG406DJZ Datasheet HTML 4Page - Intersil Corporation DG406DJZ Datasheet HTML 5Page - Intersil Corporation DG406DJZ Datasheet HTML 6Page - Intersil Corporation DG406DJZ Datasheet HTML 7Page - Intersil Corporation DG406DJZ Datasheet HTML 8Page - Intersil Corporation DG406DJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN3116.11
October 1, 2013
DG406, DG407
Pin Configurations
DG406
(28 LD PDIP, SOIC)
TOP VIEW
DG407
(28 LD PDIP, SOIC)
TOP VIEW
V+
NC
NC
S16
S15
S14
S13
S12
S11
S10
S9
GND
NC
A3
D
S8
S7
S6
S5
S3
S1
EN
A0
A1
A2
V-
S4
S2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
DB
NC
S8B
S7B
S6B
S5B
S4B
S3B
S2B
S1B
GND
NC
NC
DA
S8A
S7A
S6A
S5A
S3A
S1A
EN
A0
A1
A2
V-
S4A
S2A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Pin Description
DG406
(PDIP, SOIC)
DG407
(PDIP, SOIC)
SYMBOL
DESCRIPTION
1
1
V+
Positive Power Supply
2, 3, 13
3, 13, 14,
NC
No Connect- No Internal Connection
4, 5, 6, 7, 8, 9, 10, 11
-
S16 thru S9
Source Switch Terminals (These pins can be an input or output)
12
12
GND
Ground (0V) Reference
14, 15, 16, 17
-
A3 thru A0
Logic Control Inputs
-
15, 16, 17
A2 thru A0
Logic Control Inputs
18
18
EN
Active High Digital Input (When low device is disabled and all switches are
turned off. When high the Ax logic inputs determine which switch is turned
on.
19, 20, 21, 22, 23, 24, 25,
26
-
S1 thru S8
Source Switch Terminals (These pins can be an input or output)
27
27
V-
Negative Power Supply (Single supply application this pin will be connected
to ground.)
28
-
D
Drain Switch Terminal (This pin can be an input or output)
-2, 28
DB, DA
Drain Switch Terminal (This pin can be an input or output)
-
4, 5, 6, 7, 8, 9, 10, 11
S1B thru S8B
Source Switch Terminals B (These pins can be an input or output)
-
19, 20, 21, 22, 23, 24, 25,
26
S1A thru S8A
Source Switch Terminals A (These pins can be an input or output)


Similar Part No. - DG406DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406DJZ RENESAS-DG406DJZ Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
More results

Similar Description - DG406DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com