Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9V3040D3SG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ISL9V3040D3SG-TN3-R
Description  N-CHANNEL JUNCTION FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ISL9V3040D3SG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ISL9V3040D3SG-TN3-R Datasheet HTML 1Page - Unisonic Technologies ISL9V3040D3SG-TN3-R Datasheet HTML 2Page - Unisonic Technologies ISL9V3040D3SG-TN3-R Datasheet HTML 3Page - Unisonic Technologies ISL9V3040D3SG-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISL9V3040D3S
Insulated Gate Bipolar Transistor
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R219-011.F
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Emitter Breakdown Voltage
BVCER
450
V
Emitter to Collector Voltage Reverse Battery Condition
BVECS
30
V
TJ=25°C, ISCIS=14.2A, L=3.0mHy
300
mJ
At Starting
TJ= 150°C, ISCIS=10.6A, L=3.0mHy
ESCIS
170
mJ
TC=25°C
21
A
Continuous Collector Current
TC=110°C
IC
17
A
Gate to Emitter Voltage Continuous
VGEM
±10
V
TO-220/TO-263
125
TO-220F
41.6
Power Dissipation Total at TC=25°C
TO-252
125
W
TO-220/TO-263
1
TO-220F
0.332
Power Dissipation Derating TC>25°C
TO-252
PD
1
W/°C
Electrostatic Discharge Voltage at 100pF, 1500Ω
ESD
4
kV
Junction Temperature
TJ
-40~175
°C
Storage Temperature Range
TSTG
-40~175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-252
TO-263
1.0
Junction to Case
TO-220F
θJC
3.0
°C/W


Similar Part No. - ISL9V3040D3SG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ISL9V3040D3SG-TA3-T UTC-ISL9V3040D3SG-TA3-T Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
ISL9V3040D3SG-TF3-T UTC-ISL9V3040D3SG-TF3-T Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
More results

Similar Description - ISL9V3040D3SG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com