Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC21A-IP Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC21A-IP
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21A-IP Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC21A-IP Datasheet HTML 5Page - Microchip Technology 24LC21A-IP Datasheet HTML 6Page - Microchip Technology 24LC21A-IP Datasheet HTML 7Page - Microchip Technology 24LC21A-IP Datasheet HTML 8Page - Microchip Technology 24LC21A-IP Datasheet HTML 9Page - Microchip Technology 24LC21A-IP Datasheet HTML 10Page - Microchip Technology 24LC21A-IP Datasheet HTML 11Page - Microchip Technology 24LC21A-IP Datasheet HTML 12Page - Microchip Technology 24LC21A-IP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2003 Microchip Technology Inc.
DS21160F-page 9
24LC21A
4.0
WRITE OPERATION
4.1
Byte Write
Following the start signal from the master, the slave
address (four bits), three zero bits (000) and the R/W bit
which is a logic low are placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will
follow after it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte
transmitted by the master is the word address and will
be written into the address pointer of the 24LC21A.
After receiving another acknowledge signal from the
24LC21A the master device will transmit the data word
to be written into the addressed memory location. The
24LC21A
acknowledges
again
and
the
master
generates a Stop condition. This initiates the internal
write cycle, and during this time the 24LC21A will not
generate acknowledge signals (Figure 4-1).
It is required that VCLK be held at a logic high level
during command and data transfer in order to program
the device. This applies to both byte write and page
write operation. Note, however, that the VCLK is
ignored during the self-timed program operation.
Changing VCLK from high-to-low during the self-timed
program operation will not halt programming of the
device.
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24LC21A in the same way
as in a byte write. But instead of generating a Stop
condition the master transmits up to eight data bytes to
the 24LC21A which are temporarily stored in the on-
chip page buffer and will be written into the memory
after the master has transmitted a Stop condition. After
the receipt of each word, the three lower order address
pointer bits are internally incremented by one. The
higher order five bits of the word address remains
constant. If the master should transmit more than eight
words prior to generating the Stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the Stop condition is received an
internal write cycle will begin (Figure 4-3).
It is required that VCLK be held at a logic high level
during command and data transfer in order to program
the device. This applies to both byte write and page
write operation. Note, however, that the VCLK is
ignored during the self-timed program operation.
Changing VCLK from high-to-low during the self-timed
program operation will not halt programming of the
device.
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start at addresses that are integer multi-
ples of the page buffer size (or ‘page size’)
and end at addresses that are integer
multiples of [page size - 1]. If a Page Write
command attempts to write across a
physical page boundary, the result is that
the data wraps around to the beginning of
the
current
page
(overwriting
data
previously stored there), instead of being
written to the next page as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.


Similar Part No. - 24LC21A-IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21A-IP MICROCHIP-24LC21A-IP Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
More results

Similar Description - 24LC21A-IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21 MICROCHIP-24LCS21_05 Datasheet
378Kb / 24P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_03 Datasheet
239Kb / 18P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41 MICROCHIP-24LC41 Datasheet
98Kb / 12P
   1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com