Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JG-T92-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTC123JG-T92-K
Description  NPN DIGITAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC123JG-T92-K Datasheet(HTML) 3 Page - Unisonic Technologies

  DTC123JG-T92-K Datasheet HTML 1Page - Unisonic Technologies DTC123JG-T92-K Datasheet HTML 2Page - Unisonic Technologies DTC123JG-T92-K Datasheet HTML 3Page - Unisonic Technologies DTC123JG-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTC123J
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-076.I
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-5 ~ +12
V
IO
100
Output Current
IC(MAX.)
100
mA
SOT-23/SOT-323
SOT-363
200
SOT-523
150
TO-92
625
Power Dissipation
TO-92SP
PD
550
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VI (OFF)
VCC=5V, IO=100μA
0.5
Input Voltage
VI (ON)
VO=0.3V, IO=5mA
1.1
V
Output Voltage
VO (ON)
IO/II =5mA/0.25mA
0.1
0.3
V
Input Current
II
VI =5V
3.6
mA
Output Current
IO(OFF)
VCC=50V, VI =0V
0.5
μA
DC Current Gain
hFE
VO=5V, IO=10mA
80
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistance Ratio
R2/R1
17
21
26
Transition Frequency
fT
VCE =10V, IE=−5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device


Similar Part No. - DTC123JG-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC123JG-T92-K UTC-DTC123JG-T92-K Datasheet
177Kb / 3P
   NPN DIGITAL TRANSISTOR
More results

Similar Description - DTC123JG-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
   digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
   digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
   DIGITAL TRANSISTOR (NPNNPN)
logo
Unisonic Technologies
DTC114E UTC-DTC114E_15 Datasheet
199Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC123Y UTC-DTC123Y_15 Datasheet
160Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Weitron Technology
DTC114ECA WEITRON-DTC114ECA Datasheet
778Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC114ESA WEITRON-DTC114ESA Datasheet
470Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com