Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6112A2 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA6112A2
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6112A2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA6112A2_15 Datasheet HTML 7Page - Texas Instruments TPA6112A2_15 Datasheet HTML 8Page - Texas Instruments TPA6112A2_15 Datasheet HTML 9Page - Texas Instruments TPA6112A2_15 Datasheet HTML 10Page - Texas Instruments TPA6112A2_15 Datasheet HTML 11Page - Texas Instruments TPA6112A2_15 Datasheet HTML 12Page - Texas Instruments TPA6112A2_15 Datasheet HTML 13Page - Texas Instruments TPA6112A2_15 Datasheet HTML 14Page - Texas Instruments TPA6112A2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
PO = 100 mW,
CB = 1 µF,
RL = 16 Ω,
AV = −1 V/V
IN1− to VO2
IN2− to VO1
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
PO = 150 mW,
CB = 1 µF,
RL = 8 Ω,
AV = −1 V/V
IN1− to VO2
IN2− to VO1
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 3.3 V,
RL = 16 Ω,
CB = 1 µF
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V,
RL = 16 Ω,
CB = 1 µF
TPA6112A2
SLOS342A – DECEMBER 2000 – REVISED SEPTEMBER 2004
CROSSTALK
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
SHUTDOWN ATTENUATION
SHUTDOWN ATTENUATION
vs
vs
FREQUENCY
FREQUENCY
Figure 25.
Figure 26.
11


Similar Part No. - TPA6112A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2DGQ TI-TPA6112A2DGQ Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQ TI-TPA6112A2DGQ Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQG4 TI-TPA6112A2DGQG4 Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQR TI-TPA6112A2DGQR Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQRG4 TI-TPA6112A2DGQRG4 Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6112A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com