Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3123D2 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA3123D2
Description  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3123D2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3123D2_15 Datasheet HTML 4Page - Texas Instruments TPA3123D2_15 Datasheet HTML 5Page - Texas Instruments TPA3123D2_15 Datasheet HTML 6Page - Texas Instruments TPA3123D2_15 Datasheet HTML 7Page - Texas Instruments TPA3123D2_15 Datasheet HTML 8Page - Texas Instruments TPA3123D2_15 Datasheet HTML 9Page - Texas Instruments TPA3123D2_15 Datasheet HTML 10Page - Texas Instruments TPA3123D2_15 Datasheet HTML 11Page - Texas Instruments TPA3123D2_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
-250
200
-200
-150
-100
-50
0
50
100
150
5
22.5
7.5
10
12.5
15
17.5
20
20
100k
100 200
1k 2k
10k 20k
f − Frequency − Hz
Gain
Phase
V
=24V
R =8
(SE)
Gain=20dB
L
=47 H
C
=0.22 F
C
=470 F
CC
L
filt
filt
dc
W
m
m
m
V
− SupplyVoltage − V
SS
16
26
22
30
28
4
32
12
THD=10%
THD=1%
R =4
(SE)
Gain=20dB
L
W
6
8
2
14
18
10
16
20
24
30
26
12
10
14
18
20
22
24
28
THD=10%
THD=1%
V
-SupplyVoltage-V
SS
R =8
(SE)
Gain=20dB
L
W
16
26
30
12
10
7
14
18
20
22
24
28
17
16
15
14
13
12
11
10
9
6
1
8
5
4
3
2
P
− OutputPower − W
O
6
16
80
20
10
100
30
12V
18V
24V
R =4
(SE)
Gain=20dB
L
W
0
40
60
20
50
70
90
2
0
4
8
10
12
14
18
TPA3123D2
SLOS541C – JULY 2007 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
GAIN/PHASE
OUTPUT POWER
vs
vs
FREQUENCY
SUPPLY VOLTAGE
A. Dashed line represents thermally limited region.
Figure 9.
Figure 10.
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPA3123D2


Similar Part No. - TPA3123D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3123D2PWP TI-TPA3123D2PWP Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWP TI-TPA3123D2PWP Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPR TI-TPA3123D2PWPR Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPR TI-TPA3123D2PWPR Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3123D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com