Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3112D1-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA3112D1-Q1
Description  TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3112D1-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3112D1-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 9Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 10Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 11Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 12Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PO(Tot) − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
G015
Gain = 20 dB
VCC = 12 V
ZL = 4 W+ 33 mH
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
20
100
1k
10k
20k
G016
TPA3112D1-Q1
www.ti.com
SLOS793B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
All measurements taken at 1 kHz, unless otherwise noted. The TPA3112D2 EVM (which is available at ti.com) made these
measurements.
Figure 13. Supply Current vs Total Output Power
Figure 14. Supply Ripple Rejection Ratio vs Frequency
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA3112D1-Q1


Similar Part No. - TPA3112D1-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
More results

Similar Description - TPA3112D1-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1-Q1 TI-TPA3111D1-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com