Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C00 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24C00
Description  128 Bit I2C Bus Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C00 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24C00 Datasheet HTML 6Page - Microchip Technology 24C00 Datasheet HTML 7Page - Microchip Technology 24C00 Datasheet HTML 8Page - Microchip Technology 24C00 Datasheet HTML 9Page - Microchip Technology 24C00 Datasheet HTML 10Page - Microchip Technology 24C00 Datasheet HTML 11Page - Microchip Technology 24C00 Datasheet HTML 12Page - Microchip Technology 24C00 Datasheet HTML 13Page - Microchip Technology 24C00 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
24AA00/24LC00/24C00
DS21178D-page 10
 2003 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
T/XXYYWW
NNN
8-Lead TSSOP
Example:
24LC00
I/P13F
0327
24LC00
I/SN0327
13F
XXXX
TYWW
NNN
4L00
I327
13F
Legend:
XX...X
Customer specific information*
T
Temperature grade (I,E)
YY
Year code (last 2 digits of calendar year)
Y
Year code (last digit of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard QTP marking consists of Microchip part number, year code, week code, and traceability code.
5-Lead SOT-23
Example:
XXNN
M03F
Part
Number
TSSOP Marking
Code
STD
Pb-Free
24AA00
4A00
G4A0
24LC00
4L00
G4L0
SOT-23 Marking Code
Part Number
C
I
E
24AA00
A0
B0
24LC00
L0
M0
N0
24C00
C0
D0
E0
Note:
Pb-free
parts
are
marked
same
as
standard finish. Pb-free part number using
“G” suffix is marked on carton..


Similar Part No. - 24C00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C00 MICROCHIP-24C00 Datasheet
378Kb / 24P
   128 Bit I2C Bus Serial EEPROM
2007
24C00 MICROCHIP-24C00 Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
24C00 MICROCHIP-24C00 Datasheet
685Kb / 34P
   128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
24C00-/OT MICROCHIP-24C00-/OT Datasheet
204Kb / 22P
   1K/2K Software Addressable I2C??Serial EEPROM
2004
24C00-/P MICROCHIP-24C00-/P Datasheet
204Kb / 22P
   1K/2K Software Addressable I2C??Serial EEPROM
2004
More results

Similar Description - 24C00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
   128 Bit I2C Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
   128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
   128-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com