Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2037D1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA2037D1
Description  3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2037D1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2037D1_15 Datasheet HTML 5Page - Texas Instruments TPA2037D1_15 Datasheet HTML 6Page - Texas Instruments TPA2037D1_15 Datasheet HTML 7Page - Texas Instruments TPA2037D1_15 Datasheet HTML 8Page - Texas Instruments TPA2037D1_15 Datasheet HTML 9Page - Texas Instruments TPA2037D1_15 Datasheet HTML 10Page - Texas Instruments TPA2037D1_15 Datasheet HTML 11Page - Texas Instruments TPA2037D1_15 Datasheet HTML 12Page - Texas Instruments TPA2037D1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 30 mW
PO = 150 mW
PO = 400 mW
VDD = 2.5 V
RL = 4 Ω + 33 µH
VIC − Common Mode Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.01
0.1
1
10
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Frequency = 1 kHz
PO = 200 mW
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 8 Ω + 33 µH
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 4 Ω + 33 µH
VIC − Common Mode Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Frequency = 217 Hz
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
VIC = 1 VPP
RL = 8 Ω + 33 µH
TPA2037D1
www.ti.com
SLOS648B – OCTOBER 2009 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS (continued)
VDD = 3.6 V, CI = 0.1 mF, CS1 = 0.1 mF, CS2 = 10 mF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
THD + NOISE
THD + NOISE vs
vs FREQUENCY
COMMON MODE INPUT VOLTAGE
Figure 19.
Figure 20.
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs FREQUENCY
vs FREQUENCY
Figure 21.
Figure 22.
POWER SUPPLY REJECTION RATIO
COMMON MODE REJECTION RATIO
vs COMMON MODE INPUT VOLTAGE
vs FREQUENCY
Figure 23.
Figure 24.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) : TPA2037D1


Similar Part No. - TPA2037D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2037D1YFFR TI-TPA2037D1YFFR Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1YFFT TI-TPA2037D1YFFT Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
More results

Similar Description - TPA2037D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com