Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU3553 Datasheet(PDF) 6 Page - New Japan Radio

Part No. NJU3553
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJU3553 Datasheet(HTML) 6 Page - New Japan Radio

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NJU3553
- 6 -
s ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
1-2
(VDD=3.6~5.5V, VSS=0V, Ta=-20~75
°C)
PARAMETER
SYM
BOL
C O N D I T I O N S
MIN
TYP
MAX
UNIT NOTE
High-Level
Input Current
IIH
VDD=5.5V, VIN=5.5V
PA0~PA3, PB0~PB2, ADCK/PC0,
VREF/PC1, AIN0/PD0~AIN3/PD3,
AIN4/PE0, AIN5/PE1, PE2,
EXTI/PF0, CNTI/PF1, SDI(O)/PG1,
SCK/CKOUT, RESET
10
µA
*1
IIL1
VDD=5.5V, VIN=0V
Without pull-up resistance
PA0~PA3, PB0~PB2, ADCK/PC0,
VREF/PC1, AIN0/PD0~AIN3/PD3,
AIN4/PE0, AIN5/PE1, PE2,
EXTI/PF0, CNTI/PF1, SDI(O)/PG1,
SCK/CKOUT
-10
µA
*1
Low-Level
Input Current
IIL2
VDD=5.5V, VIN=0V
With pull-up resistance
PA0~PA3, PB0~PB2, ADCK/PC0,
VREF/PC1, AIN0/PD0~AIN3/PD3,
AIN4/PE0, AIN5/PE1, PE2,
EXTI/PF0, CNTI/PF1, SDI(O)/PG1,
SCK/CKOUT, RESET
-100
µA
*1
High-Level
Output Voltage
VOH
IOH=-100
µA
PB0~PB2, SDO/PG0, SDI(O)/PG1,
SCK/CKOUT
VDD-0.5
V
*2
VOL1
IOL1=400
µA
PB0~PB2, SDO/PG0, SDI(O)/PG1,
SCK/CKOUT
0.5
V
*2
Low-Level
Output Voltage
VOL2
IOL2=15mA
PA0~PA3, AIN0/PD0~AIN3/PD3,
AIN4/PE0, AIN5/PE1, PE2
2.0
V
*2
Output
Leakage
Current
IOD
VDD=5.5V, VOH=5.5V
PA0~PA3, AIN0/PD0~AIN3/PD3,
AIN4/PE0, AIN5/PE1, PE2
10
µA
*2
Input Capacitance
CIN
Except VDD, VSS terminals
fOSC=1MHz
Other terminals : 0V
10
20
pF
*1 Input/output port is set as an Input terminal.
*2 Input/output port is set as an Output terminal.
*3 Except the current through Pull-up resister.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn