Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU3553 Datasheet(PDF) 5 Page - New Japan Radio

Part No. NJU3553
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJU3553 Datasheet(HTML) 5 Page - New Japan Radio

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NJU3553
- 5 -
s ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
1-1
(VDD=3.6~5.5V, VSS=0V, Ta=-20~75
°C)
PARAMETER
SYM
BOL
C O N D I T I O N S
MIN
TYP
MAX
UNIT NOTE
Supply Voltage
VDD
VDD
3.6
5.5
V
IDD1
VDD
VDD=5V, fOSC=2MHz
X’tal Oscillation in Reset
30
mA
*3
IDD2
VDD
VDD=5V, fOSC=2MHz
Ceramic Oscillation in Reset
30
mA
*3
IDD3
VDD
VDD=5V, fOSC=2MHz
CR Oscillation in Reset
30
mA
*3
IDD4
VDD
VDD=5V, fOSC=4MHz
Operating (Except ADC)
30
mA
*3
IDD5
VDD
VDD=5V, STANDBY Mode
20
µA
*3
Supply Current
IADD
AVDD
AVDD=VDD=5V, ADCK=225kHz
3.0
5.0
mA
*3
VIH1
PA0~PA3, AIN0/PD0~ AIN3/PD3,
AIN4/PE0, AIN5/PE1, PE2,
SDI(O)/PG1, SCK/CKOUT
0.7VDD
VDD
V
*1
VIH2
PB0~PB2, ADCK/PC0, VREF/PC1,
EXTI/PF0, CNTI/PF1, RESET
0.8VDD
VDD
V
*1
High-Level
Input Voltage
VIH3
OSC1
VDD-1.0
VDD
V
VIL1
PA0~PA3, AIN0/PD0~ AIN3/PD3,
AIN4/PE0, AIN5/PE1, PE2,
SDI(O)/PG1, SCK/CKOUT
0
0.3VDD
V
*1
VIL2
PB0~PB2, ADCK/PC0, VREF/PC1,
EXTI/PF0, CNTI/PF1, RESET
0
0.2VDD
V
*1
Low-level
Input Voltage
VIL3
OSC1
0
1.0
V
*1 Input/output port is set as an Input terminal.
*2 Input/output port is set as an Output terminal.
*3 Except the current through Pull-up resister.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn