Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2006D1 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPA2006D1
Description  TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V Compatible Input Thresholds
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2006D1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA2006D1_15 Datasheet HTML 16Page - Texas Instruments TPA2006D1_15 Datasheet HTML 17Page - Texas Instruments TPA2006D1_15 Datasheet HTML 18Page - Texas Instruments TPA2006D1_15 Datasheet HTML 19Page - Texas Instruments TPA2006D1_15 Datasheet HTML 20Page - Texas Instruments TPA2006D1_15 Datasheet HTML 21Page - Texas Instruments TPA2006D1_15 Datasheet HTML 22Page - Texas Instruments TPA2006D1_15 Datasheet HTML 23Page - Texas Instruments TPA2006D1_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
fc +
1
2p R
I
C
I
Gain +
2 x 150 kW
R
I
V
V
TPA2006D1
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
10.2.2 Detailed Design Procedure
10.2.2.1 Component Selection
Figure 35 shows the TPA2006D1 device typical schematic with differential inputs and Figure 38 shows the
TPA2006D1 device with differential inputs and input capacitors, and Figure 39 shows the TPA2006D1 device
with single-ended inputs. Differential inputs should be used whenever possible because the single-ended inputs
are much more susceptible to noise.
Table 2. Typical Component Values
REF DES
VALUE
EIA SIZE
MANUFACTURER
PART NUMBER
RI
150 k
Ω (±0.5%)
0402
Panasonic
ERJ2RHD154V
CS
1
μF (+22%, -80%)
0402
Murata
GRP155F50J105Z
CI
(1)
3.3 nF (±10%)
0201
Murata
GRP033B10J332K
(1)
CI is only needed for single-ended input or if VICM is not between 0.5 V and VDD – 0.8 V. CI = 3.3 nF
(with RI = 150 kΩ) gives a high-pass corner frequency of 321 Hz.
10.2.2.2 Input Resistors (RI)
The input resistors (RI) set the gain of the amplifier according to Equation 20.
(20)
Resistor matching is important in fully differential amplifiers. The balance of the output on the reference voltage
depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic distortion
diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or better to
keep the performance optimized. Matching is more important than overall tolerance. Resistor arrays with 1%
matching can be used with a tolerance greater than 1%.
Place the input resistors close to the TPA2006D1 device to limit noise injection on the high-impedance nodes.
For optimal performance the gain must be set to 2 V/V or lower. Lower gain allows the TPA2006D1 device to
operate at its best and keeps a high voltage at the input making the inputs less susceptible to noise.
10.2.2.3 Decoupling Capacitor (CS)
The TPA2006D1 device is a high-performance class-D audio amplifier that requires adequate power supply
decoupling to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency
transients, spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor,
typically 1
μF, placed as close as possible to the device VDD lead works best. Placing this decoupling capacitor
close to the device is important for the efficiency of the class-D amplifier, because any resistance or inductance
in the trace between the device and the capacitor can cause a loss in efficiency. For filtering lower-frequency
noise signals, a 10-
μF or greater capacitor placed near the audio power amplifier would also help, but it is not
required in most applications because of the high PSRR of this device.
10.2.2.4 Input Capacitors (CI)
The TPA2006D1 device does not require input coupling capacitors if the design uses a differential source that is
biased from 0.5 V to VDD – 0.8 V (shown in Figure 35). If the input signal is not biased within the recommended
common-mode input range, if needing to use the input as a high pass filter (shown in Figure 38), or if using a
single-ended source (shown in Figure 39), input coupling capacitors are required.
The input capacitors and input resistors form a high-pass filter with the corner frequency, fc, determined in
Equation 21.
(21)
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so the
corner frequency can be set to block low frequencies in this application.
20
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA2006D1


Similar Part No. - TPA2006D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1DRB TI-TPA2006D1DRB Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBR TI-TPA2006D1DRBR Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBR TI1-TPA2006D1DRBR Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBRG4 TI-TPA2006D1DRBRG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBRG4 TI1-TPA2006D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
More results

Similar Description - TPA2006D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI-TPA2006D1 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com