Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89430VJC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89430VJC
Description  5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89430VJC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89430VJC Datasheet HTML 1Page - Micrel Semiconductor SY89430VJC Datasheet HTML 2Page - Micrel Semiconductor SY89430VJC Datasheet HTML 3Page - Micrel Semiconductor SY89430VJC Datasheet HTML 4Page - Micrel Semiconductor SY89430VJC Datasheet HTML 5Page - Micrel Semiconductor SY89430VJC Datasheet HTML 6Page - Micrel Semiconductor SY89430VJC Datasheet HTML 7Page - Micrel Semiconductor SY89430VJC Datasheet HTML 8Page - Micrel Semiconductor SY89430VJC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ClockWorks™
SY89430V
Micrel
The configuration logic has two sections: serial and
parallel. The parallel interface uses the values at the M[8:0]
and N[1:0] inputs to configure the internal counters.
Normally upon system reset, the P_LOAD input is held LOW
until sometime after power becomes valid. With S_LOAD
held LOW, on the LOW-to-HIGH transition of P_LOAD, the
parallel inputs are captured. The parallel interface has
priority over the serial interface. Internal pull-up resistors
are provided on the M[8:0] and N[1:0] inputs to reduce
component count.
The serial interface logic is implemented with a 14-bit shift
register scheme. The register shifts once per rising edge of the
S_CLOCK input. The serial input S_DATA must meet set-up and
hold timing as specified in the AC parameters section of this
data sheet. With P_LOAD held HIGH, the configuration latches
will capture the value in the shift register on the HIGH-to-LOW
edge of the S_LOAD input. See the programming section for
more information.
The TEST output reflects various internal node values and
is controlled by the T[2:0] bits in the serial data stream. See
the programming section for more information.
FUNCTIONAL DESCRIPTION
WITH 16MHZ INPUT
The internal oscillator uses the external quartz crystal as
the basis of its frequency reference. The output of the reference
oscillator is divided by eight before being sent to the phase
detector. With a 16MHz crystal, this provides a reference
frequency of 2MHz.
The VCO within the PLL operates over a range of 400–
950MHz. Its output is scaled by a divider that is configured by
either the serial or parallel interfaces. The output of this loop
divider is also applied to the phase detector.
The phase detector and loop filter force the VCO output
frequency to be M times the reference frequency by adjusting
the VCO control voltage. Note that for some values of M
(either too high or too low) the PLL will not achieve loop lock.
External loop filter components are utilized to allow for optimal
phase jitter performance.
The output of the VCO is also passed through an output
divider before being sent to the PECL output driver. The
output divider is configured through either the serial or the
parallel interfaces and can provide one of four divider ratios
(1, 2, 4 or 8). This divider extends the performance of the part
while providing a 50% duty cycle.
The output driver is driven differentially from the output
divider and is capable of driving a pair of transmission lines
terminated in 50
Ω to VCC –2volts. The positive reference for
the output driver is provided by a dedicated power pin
(VCC_OUT) to reduce noise induced jitter.
VCO Frequency
256
128
64
32
16
8421
(MHz)
M Count
M8
M7
M6
M5
M4
M3
M2
M1
M0
400
200
011001000
402
201
011001001
404
202
011001010
406
203
011001011
•••••••••
•••••••••
•••••••••
944
472
111011000
946
473
111011001
948
474
111011010
950
475
111011011


Similar Part No. - SY89430VJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430VJC MICREL-SY89430VJC Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430VJCTR MICREL-SY89430VJCTR Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
More results

Similar Description - SY89430VJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89424V MICREL-SY89424V Datasheet
75Kb / 5P
   5V/3.3V FREQUENCY SYNTHESIZER 60MHz to 1GHz
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com