Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY85402-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY85402-11
Description  Linear output power for IEEE 802.11ac 256-QAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY85402-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY85402-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY85402-11 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PRELIMINARY DATA SHEET • SKY85402-11: HIGH POWER (+22 dBm) 802.11ac WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202120I • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 2, 2018
7
Package Dimensions
The PCB layout footprint for the SKY85402-11 is provided in
Figure 12. Typical part markings are shown in Figure 13. Package
dimensions are shown in Figure 14, and tape and reel dimensions
are provided in Figure 15.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY85402-11 is rated to Moisture Sensitivity Level 3 (MSL3)
at 260
C. It can be used for lead or lead-free soldering. For
additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.


Similar Part No. - SKY85402-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
SKY85408-11EK1 SKYWORKS-SKY85408-11EK1 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
More results

Similar Description - SKY85402-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2622L SKYWORKS-SE2622L Datasheet
438Kb / 9P
   2.4 GHz, 256 QAM Power Amplifier
September 29, 2014
logo
Microchip Technology
SST12CP12 MICROCHIP-SST12CP12 Datasheet
361Kb / 15P
   2.4 GHz 256 QAM High-Power Amplifier
2013
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Skyworks Solutions Inc.
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
   2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN Front-End Module
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-21 SKYWORKS-SKY85310-21 Datasheet
172Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85300-21 SKYWORKS-SKY85300-21 Datasheet
739Kb / 11P
   2.4 GHz, 256 QAM Front-End Module for WLAN and Bluetooth® Applications
December 6, 2022
logo
Qorvo, Inc
QPA5525Q QORVO-QPA5525Q Datasheet
470Kb / 9P
   802.11ac/p Power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com