Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89425JCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89425JCTR
Description  DUAL SONET OC-12 CLOCK SYNTHESIZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89425JCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89425JCTR Datasheet HTML 1Page - Micrel Semiconductor SY89425JCTR Datasheet HTML 2Page - Micrel Semiconductor SY89425JCTR Datasheet HTML 3Page - Micrel Semiconductor SY89425JCTR Datasheet HTML 4Page - Micrel Semiconductor SY89425JCTR Datasheet HTML 5Page - Micrel Semiconductor SY89425JCTR Datasheet HTML 6Page - Micrel Semiconductor SY89425JCTR Datasheet HTML 7Page - Micrel Semiconductor SY89425JCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
s Two independently-powered 622.08MHz clock
sources one chip
s Differential PECL outputs
s TTL/CMOS compatible inputs
s SONET compliant jitter performance (
0.01UI)
s Choice of three reference frequencies for each PLL
s Only 395mW per PLL (typ)
s Complies with Bellcore, CCITT and ANSI standards
s Single +5 volt power supply
s Fully compatible with industry standard 10KH I/O
levels
s Available in 28-pin PLCC package
Rev.: E
Amendment: /0
Issue Date: August, 1998
TYPICAL APPLICATION
ClockWorks™
SY89425
FEATURES
DESCRIPTION
Micrel-Synergy's SY89425 Dual Phase Locked Loop
(PLL) consists of two totally separate, SONET compliant
622.08MHz clock generators on one chip. The user may
select to power both PLLs or PLL A only. Each PLL
produces a low-jitter OC-12/STS-12 clock rate from an
input reference clock of 38.88, 51.84, or 77.76MHz. When
using both PLLs, it is not necessary that they share a
common reference clock (e.g., PLL A may operate from an
STS-1 reference of 51.84MHz, while PLL B operates from
an OC-3/STS-3 reference of 77.76MHz).
The SY89425 operates from a single +5 volt supply, and
requires only a simple series RC loop filter for each PLL.
Coupling Micrel-Synergy's advanced PLL technology
with our proprietary ASSET™ bipolar process has produced
a clock generator IC which exceeds applicable Bellcore
and ANSI specifications, while setting a new standard for
performance and flexibility.
PIN CONFIGURATION
DUAL SONET OC-12
CLOCK SYNTHESIZER
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22
21 20 19
5678
9
10 11
SEL78A
CK622AP
PLCC
TOP VIEW
CK622AN
VCCOA
GND
VCCOB
CK622BN
CK622BP
SEL39A
RFCKA
VCCA
RFCKB
SEL39B
SEL78B
0.1uF
GND
AGND
FLTRAN
RFCKA
(TTL)
SEL39A
(TTL)
SEL78A
(TTL)
RSTA
(TTL)
500
CK622AP
(PECL)
CK622AN
622.08MHz
PLL A
VCCA
VCCOA
+5V
+5V
FLTRAP
PLL B
(SAME AS PLL A)
2X 50
+3V
GND
CLOCK IN
1


Similar Part No. - SY89425JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89420 MICREL-SY89420 Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJC MICREL-SY89420VJC Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJCTR MICREL-SY89420VJCTR Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - SY89425JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX_07 Datasheet
279Kb / 17P
   SONET OC-48 Transceiver
logo
Texas Instruments
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com