Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU3552 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU3552
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3552 Datasheet(HTML) 1 Page - New Japan Radio

  NJU3552 Datasheet HTML 1Page - New Japan Radio NJU3552 Datasheet HTML 2Page - New Japan Radio NJU3552 Datasheet HTML 3Page - New Japan Radio NJU3552 Datasheet HTML 4Page - New Japan Radio NJU3552 Datasheet HTML 5Page - New Japan Radio NJU3552 Datasheet HTML 6Page - New Japan Radio NJU3552 Datasheet HTML 7Page - New Japan Radio NJU3552 Datasheet HTML 8Page - New Japan Radio NJU3552 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NJU3552
- 1 -
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
s GENERAL DESCRIPTION
The NJU3552 is the C-MOS 4-bit Single Chip OTP type
Micro Controller with programmable Flash Memory.
It is completely compatible with the NJU3502 in function
and the pin configuration.
Therefore, the NJU3552 is
suitable for the final evaluation before NJU3502 mask
generation, the small quantity production and short lead-
time.
*
In this data sheet, only OTP programming and the
difference
between
NJU3552
and
NJU3502
are
mentioned mainly.
Therefore the detail function and specification should
be referred on the NJU3502 data sheet.
s FEATURES
q
Internal One Time Programmable ROM
1,024 X 8bits
q
Internal Data RAM
64 X 4bits
q
Wide operating voltage range
2.7V ~ 5.5V
q
Package outline
SDIP24 / DMP24
q
ROM programmer “SUPERPRO/L” by XELTEK co,.
s PIN CONFIGURATION IN OTP PROGRAMMING MODE
Note) The pin configuration in Normal operating mode is the same as NJU3502.
s PACKAGE OUTLINE
PRELIMINARY
NJU3552L
NJU3552M
RESET
D6
Open
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
D0
D1
D2
PROM
CLK
REQ
VSS
Open
D3
Open
D7
Open
CNT2
CNT1
VDD
D5
D4
Open


Similar Part No. - NJU3552

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551D NJRC-NJU3551D Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551G NJRC-NJU3551G Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553L NJRC-NJU3553L Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
More results

Similar Description - NJU3552

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3151 NJRC-NJU3151 Datasheet
127Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3152 NJRC-NJU3152 Datasheet
129Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com