Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88993V Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY88993V
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88993V Datasheet(HTML) 3 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88993V
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
I
CC
Power Supply
5V
40
40
34
40
45
mA
Current(1)
3.3V
35
35
30
35
40
mA
I
IL
/EN Input LOW–0.3(8)
–0.3(6)
–0.3(6)
–0.3(8)
—mA
Current
I
IH
/EN Input HIGH
20(4)
—20(4)
——
20(4)
—20(4)
µA
Current
100(5)
100(5)
100(5)
100(5)
I
OH
LOS Output Leakage(2)
100
100
100
100
uA
LOS
LVL
LOS
LVL Level
V
REF
V
CC
V
REF
V
CC
V
REF
—V
CC
V
REF
V
CC
V
V
OL
LOS Output Low
0.5
0.5
0.5
0.5
V
Level(3)
V
REF
Reference Voltage
V
CC –1.38 VCC –1.26
V
CC –1.38
V
CC –1.26
V
CC –1.38
V
CC –1.32
V
CC –1.26
V
CC –1.38
V
CC –1.26
V
V
IH
/EN Input HIGH Voltage
2.0
2.0
2.0
2.0
V
V
IL
/EN Input LOW Voltage
0.8
0.8
0.8
V
V
OFFSET Differential Output
±80
±80
±10
±80
±80
mV
Offset
V
CMR
Common Mode Range
GND
±2V
CC–0.2
GND
±2V
CC–0.2
GND
±2V
CC–0.2
GND
±2V
CC–0.2
V
DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5V ±10%, RLOAD = 50Ω to VCC
NOTES:
1. No output load.
2. V
OH = 5.5V.
3. I
OL = +2mA.
4. V
IN = 2.7V
5. V
IN = VCC
6. V
IN = 0.5V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn