Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88993AV Datasheet(PDF) 5 Page - Micrel Semiconductor

Part No. SY88993AV
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88993AV Datasheet(HTML) 5 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SY88993AV
Micrel
PERFORMANCE CURVE
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
= V
CC
– V (V)
LOS Assert and Deassert
Levels vs LOSLVL
3.3V
T
A = 25°C
2.5Gbps
Pattern 223-1
Figure 4.
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
= V
CC
– V (V)
LOS Assert and Deassert
Levels vs LOSLVL
5.0V
T
A = 25°C
2.5Gbps
Pattern 223-1
Figure 5.
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
= V
CC
– V (V)
LOS Assert and Deassert
Levels vs LOSLVL
3.3V
T
A = 25°C
2.5Gbps
Pattern 2
7-1
Figure 6.
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
= V
CC
– V (V)
LOS Assert and Deassert
Levels vs LOSLVL
5.0V
T
A = 25°C
2.5Gbps
Pattern 2
7-1
Figure 7.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn