Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88993AV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY88993AV
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88993AV Datasheet(HTML) 4 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SY88993AV
Micrel
AC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5V ±10%, RLOAD = 50Ω to VCC
TA = –40
°C
TA = 0
°C
TA = +25
°C
TA = +85
°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
HYS
LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
PSRR
Power Supply(1)
——
35
dB
Rejection Ratio
t
OFFL
LOS Release Time(2)
0.5
0.5
0.1
0.5
0.5
µs
Minimum Input
t
OFFH
LOS Release Time(2)
0.5
0.5
0.1
0.5
0.5
µs
Maximum Input
t
ONL
LOS Assert Time(2)
0.5
0.5
0.2
0.5
0.5
µs
t
r, tf
Differential Output(3)
120
120
60
120
120
ps
Rise/Fall Time (20%-80%)
V
ID
Input Voltage Range
4
1800
4
1800
4
1800
4
1800
mVp-p
V
OD
Differential Output
600
600
800(5)
1200
600
mVp-p
Voltage Swing(4)
V
SR
LOS Sensitivity Range
4
50
4
50
4
50
4
50
mVp-p
Output Spec (D
OUT and /DOUT)
V
OH
HIGH Level Output
V
CC –20
V
CC
V
CC –20
V
CC
V
CC –20
V
CC –5
V
CC
V
CC –20
V
CC
mV
Voltage
V
OL
LOW Level Output(6)
V
CC –300
V
CC –300
V
CC –400
V
CC –300
V
CC –300
mV
ß
Z
O
Single-Ended Output(7)
40
60
40
60
40
50
60
40
60
Impedance
Input Spec (D
IN and /DIN)
A
V(Diff)
Differential Voltage
39
dB
Gain
B
–3dB
3dB Bandwidth
2.5
GHz
S
21
Single-Ended Small
26
26
26
33
26
dB
Signal-Gain
NOTES:
1. Input referred noise = RMS output noise/low frequency gain. Input referred, 55MHz.
2. Input is a 200MHz square wave, t
r < 300ps, 1.8Vp-p.
3. With input signal V
ID > 50mVp-p with 50Ω load.
4. Input is a 200MHz square wave, t
r < 300ps, 50Ω load.
5. V
ID > 5mVp-p.
6. Output levels are based on 50
Ω impedance. If the load impedance is different, the output level will be changed.
7. See output structure.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn