Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88993AV Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. SY88993AV
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88993AV Datasheet(HTML) 6 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SY88993AV
Micrel
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY88993AVKC
K10-1
Commercial
Output Termination
The SY88993AV outputs must be terminated with a 50
load to VCC.
Layout and PCB Design
Since the SY88993AV is a high-frequency component,
performance can largely be determined by board layout
and design. A common problem with high-gain amplifiers is
feedback from the large swing outputs to the input via power
supply.
The SY88993AV ground pin should be connected to the
circuit board ground. Use multiple PCB vias close to the
part to connect to ground. Avoid long, inductive runs which
can degrade performance.
APPLICATION NOTE
Figure 3. LOS
LVL Circuit
NOTES:
1. Resistor Divider = R2/ (R1 + R2)
2. R1 + R2
≥ 5kΩ
Figure 2. Differential Output Configuration
Figure 1. Differential Input Configuration
R1
R2
VCC
VREF
LOSLVL
GND
VCC
22nF
22nF
ESD STRUCTURE
DIN
/DIN
VREF
0.1
µF
50
GND
VCC
16mA
/DOUT
Z0 = 50Ω
Z0 = 50Ω
VCC
50
50
50
ESD STRUCTURE
DOUT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn