Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88943V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part No. SY88943V
Description  5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88943V Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88943V Datasheet HTML 1Page - Micrel Semiconductor SY88943V Datasheet HTML 2Page - Micrel Semiconductor SY88943V Datasheet HTML 3Page - Micrel Semiconductor SY88943V Datasheet HTML 4Page - Micrel Semiconductor SY88943V Datasheet HTML 5Page - Micrel Semiconductor SY88943V Datasheet HTML 6Page - Micrel Semiconductor SY88943V Datasheet HTML 7Page - Micrel Semiconductor SY88943V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY88943V
Micrel
PERFORMANCE CURVE
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
SD
LVL
= V
CC
– V (V)
SD Assert and Deassert Levels
vs SD
LVL
3.3V
T
A = 25°C
2.5Gbps
Pattern 223-1
Figure 4.
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
SD
LVL
= V
CC
– V (V)
SD Assert and Deassert Levels
vs SD
LVL
5.0V
T
A = 25°C
2.5Gbps
Pattern 223-1
Figure 5.
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
SD
LVL
= V
CC
– V (V)
SD Assert and Deassert Levels
vs SD
LVL
3.3V
T
A = 25°C
2.5Gbps
Pattern 2
7-1
Figure 6.
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
SD
LVL
= V
CC
– V (V)
SD Assert and Deassert Levels
vs SD
LVL
5.0V
T
A = 25°C
2.5Gbps
Pattern 2
7-1
Figure 7.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn